Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1503 Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1503
Description  300Khz, 2.5A PWM Buck DC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1503 Datasheet(HTML) 5 Page - Anachip Corp

  AP1503 Datasheet HTML 1Page - Anachip Corp AP1503 Datasheet HTML 2Page - Anachip Corp AP1503 Datasheet HTML 3Page - Anachip Corp AP1503 Datasheet HTML 4Page - Anachip Corp AP1503 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AP1503
300Khz, 2.5A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev 1.0 Sep. 29, 2004
5/5
Marking Information
( Top View )
Logo
Output Type
33 : 3.3V
ID code: internal
Year: "01" = 2001
"02" = 2002
Xth week: 01~52
1
4
AP1503 XX
YY WW X X
5
7
Blank: normal
L: Lead Free Package
Package Information
Package Type: SOP-7L
A
C
C2
B1
D
e
E
B2
F
β
C3
C1
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
5.79
5.99
6.19
0.228
0.236
0.244
B1
3.83
3.91
3.99
0.151
0.154
0.157
B2
3.78
3.86
3.94
0.149
0.152
0.155
C
4.80
4.87
4.94
0.189
0.192
0.194
C1
1.57
1.67
1.77
0.062
0.066
0.070
C2
0.32
0.4
0.48
0.013
0.016
0.019
C3
1.17
1.27
1.37
0.046
0.050
0.054
D
0.19
0.22
0.25
0.007
0.009
0.010
E
1.04REF
0.041REF
e
0.48
0.68
0.88
0.019
0.027
0.035
F
1.35
1.45
1.55
0.053
0.057
0.061
β
7
o
7
o



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com