Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADP1201
Description  PRECISION SEMICONDUCTOR PRESSURE SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP1201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADP1201 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADP1201 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADP1201 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP1201 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
28
PF (ADP1)
DATA
1. Characteristics data
1-<1> Output characteristics
ADP1141
Drive current: 1.5 mA; temperature: 25°C 77°F
1-<2> Offset voltage – temperature
characteristics
ADP1141
Drive current: 1.5 mA; rating ±5%FS
1-<3> Sensitivity – temperature
characteristics (%FS)
ADP1141
Drive current: 1.5 mA; rating ±2.5%FS
100
80
60
40
20
0
–20
–40
49 {0.5}
0
98.1 {1}
kpa {kgf/cm2}
Rated pressure
4
3
2
1
0
–2
–1
25
47
0
32
50
122
Temperature (
°C °F)
4
3
2
1
0
–2
–1
25
47
0
32
50
122
Temperature (
°C °F)
2. Pressure cycle range (0 to rated pressure)
Tested sample: ADP1131, temperature: 25°C 77°F
–2
–1
0
0
1
2
1
×105
5
×105 1×106
Pressure cycle (cycle)
–2
–1
0
0
1
2
1
×105
5
×105 1×106
Pressure cycle (cycle)
Even after testing for 1 million times, the vari-
ations in the offset voltage and output span
voltage are minimal.
2-<1> Offset voltage range
2-<2> Output span voltage range
SPECIFICATIONS
Gauge pressure
Standard type (With glass base)
Type of pressure
Type
Air (For other medium, please consult us.)
Pressure medium
4.9
Rated
pressure
0.05
14.7
0.15
34.3
0.35
49.0
0.5
98.1
1.0
196.1
2.0
343.2
3.5
490.3
5.0
833.6
8.5
1.5 times the rated pressure
980.7
10.0
40.0
0.4
Twice the rated pressure
49.0
0.5
Unit: kPa
Unit: kgf/cm
2 (approx.)
Twice the rated pressure
Max. applied pressure
–20 to 100
°C –4 to 212°F (no freezing or condensation)
Ambient temperature
–40 to 120
°C –40 to 248°F (no freezing or condensation)
Storage temperature
0 to 50
°C 32 to 122°F
5 to 45
°C
41 to 113
°F
0 to 50
°C
32 to 122
°F
Temperature compensation range
1.5 mA DC
Drive current (constant current)
100
±40 mV
43.5
±22.5 mV 85±45 mV
40
±20 mV
Output span voltage
±20 mV
±15 mV ±25 mV
Offset voltage
5000
±1000 Ω
3300
±600 Ω 5000±1000 Ω
–5 to 50
°C
–7 to 122
°F
–20 to 100
°C
–4 to 212
°F
–20 to 70
°C
–4 to 158
°F
–40 to 120
°C
–70 to 248
°F
Bridge resistance
±0.7%FS
±0.6%FS
±15%FS
±10%FS
±5.0%FS
±2.5%FS
±10%FS
±1.3%FS
±8%FS
±2.5%FS
±0.5%FS
±0.4%FS
±0.3%FS
±0.2%FS
±0.5%FS
±0.6%FS
±0.3%FS
±0.4%FS
±0.7%FS
Linearity
Pressure hysteresis
Offset voltage-temperature
characteristics (0 to 50
°C 32 to 122°F)
Sensitivity-temperature
characteristics (0 to 50
°C 32 to 122°F)
Economy type
(Without glass base)
Notes) 1. Unless otherwise specified, measurements were taken with a drive current of1.5 mA ±0.01 mA at a temperature of 25°C 77°F and humidity ranging from 25% to
85%.
2. Please consult us if a pressure medium other than air is to be used.
3. This is the regulation which applies within the compensation temperature range.
4. Please consult us if the intended use involves a negative pressure.
PF PRESSURE SENSOR
2002.10.23 7:58 PM
Page 28



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com