Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17P Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 17P
Description  Spindle Operated Potentiometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

17P Datasheet(HTML) 1 Page - TE Connectivity Ltd

  17P Datasheet HTML 1Page - TE Connectivity Ltd 17P Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features
I Polymer thick film
element
I Switch versions available
I Dual gang version
available
I High reliability
I Small versatile size
I All plastic body
I Plastic spindle
I Flame retardant
Applications
I Audio
I Industrial controls
I Lighting
I Appliances
Characteristics - Electrical
Resistance Range:
1K to 1M (linear), 4K7 to 470K
(non linear)
Resistance Value:
1, 2.2 and 4.7 in each decade
Resistance Tolerance:
± 20% (10% by selection)
Rated Dissipation at 20°C:
0.25W (linear), 0.125W (non linear)
Limiting Element Voltage:
350V DC or AC (rms)
Electrical Rotation:
267° without switch, 232° with switch
Terminal Resistance:
5Ω, maximum
Noise (ENR):
2% maximum (linear), 3% maximum
(non linear)
Insulation Resistance:
4GΩ, minimum
Voltage Proof:
1kV AC peak
Characteristics - Switch
B & D
A & E
P
Switch Type:
1A
4A
10A
Current/Voltage Rating:
1.0A - 24V DC
10A - 12V DC
10A - 250V AC
0.3A - 250V AC
4A - 250V AC
On/Off Torque:
40mNm maximum
40mNm maximum
Life - 25,000 cycles minimum
Initial Contact Resistance:
20mΩ
20mΩ
Proof Voltage - 3kV minimum
Contact Gap:
3mm
3mm
Characteristics - Mechanical
Operating Torque:
15mNm maximum
Mechanical Rotation:
300° nominal
End Stop Torque:
350mNm maximum
Characteristics - Environmental
Limits of Resistance Change:
15% (after 1000hrs. endurance)
Temperature Characteristics
5% (20°C to 70°C)
of Resistance:
Bump Severity:
390m/s2, 4000 bumps
Vibration Severity:
10 - 500Hz, 0.75 mm or 98M/s2
Climatic Category:
25/70/04
Mechanical Endurance:
20000 operations (minimum)
Specify the type 17P for applications where high insulation resistance and voltage proof are
key requirements. The materials used in the all plastic body and spindle construction are UL
approved making it a suitable component for domestic appliances and control systems
where safety is of prime importance. This popular low cost potentiometer is suitable for
industrial and professional applications. A range of approved switches can be added to the
rear of the potentiometer, to produce rotary or push-push action mains switches.
Spindle Operated Potentiometers
Type 17P Series
1773176 CIS BI 11/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.


Similar Part No. - 17P

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
17P TEC-17P Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Renesas Technology Corp
17P012 RENESAS-17P012 Datasheet
1Mb / 320P
MOS INTEGRATED CIRCUIT
2000
logo
Fairchild Semiconductor
17P10 FAIRCHILD-17P10 Datasheet
676Kb / 9P
100V P-Channel MOSFET
logo
Renesas Technology Corp
17P204 RENESAS-17P204 Datasheet
314Kb / 32P
MOS INTEGRATED CIRCUIT
1992
logo
M-System Co.,Ltd.
17PA MSYSTEM-17PA Datasheet
98Kb / 3P
Rack-mounted Power Transducers 17-RACK
More results

Similar Description - 17P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
SPINDLE MOTOR DRIVER
logo
STMicroelectronics
L6232E STMICROELECTRONICS-L6232E Datasheet
114Kb / 10P
SPINDLE DRIVER
Oct-1996
L6232A STMICROELECTRONICS-L6232A Datasheet
533Kb / 8P
SPINDLE DRIVER
L6232B STMICROELECTRONICS-L6232B Datasheet
534Kb / 8P
SPINDLE DRIVER
logo
List of Unclassifed Man...
23EXA104MLB22A ETC2-23EXA104MLB22A Datasheet
69Kb / 4P
Spindle Operated Potentiometers
logo
Baumer IVO GmbH & Co. K...
N140 IVO-N140 Datasheet
453Kb / 4P
Spindle Position Displays
N150 IVO-N150 Datasheet
457Kb / 4P
Spindle Position Displays
logo
Tyco Electronics
1625932-8 MACOM-1625932-8 Datasheet
304Kb / 1P
Spindle Operated Potentiometers
1624191-7 MACOM-1624191-7 Datasheet
264Kb / 3P
Spindle Operated Potentiometers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com