Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS620U Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS620U
Description  Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS620U Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS620U Datasheet HTML 1Page - Dallas Semiconductor DS620U Datasheet HTML 2Page - Dallas Semiconductor DS620U Datasheet HTML 3Page - Dallas Semiconductor DS620U Datasheet HTML 4Page - Dallas Semiconductor DS620U Datasheet HTML 5Page - Dallas Semiconductor DS620U Datasheet HTML 6Page - Dallas Semiconductor DS620U Datasheet HTML 7Page - Dallas Semiconductor DS620U Datasheet HTML 8Page - Dallas Semiconductor DS620U Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS620 Digital Thermometer and Thermostat
3 of 15
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin, Relative to Ground
-0.5V to +4.5V
Operating Temperature Range
-55°C to +125°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
ESD rating on all pins
4KV HBM
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
RECOMMENDED DC OPERATING CONDITIONS
(3.5V ≥ VDD ≥ 1.7V, TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Range on Any Pin,
Relative to Ground
VDD
(Note 1)
1.7
3.5
V
Supply Voltage for EEPROM
Writes
VDD
(Note 1)
2.0
3.5
V
DC ELECTRICAL CHARACTERISTICS
(3.5V ≥ VDD ≥ 1.7V, TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
0°C to +70°C
±0.5
Thermometer Error
TERR
-55°C to +125°C
±2
°C
Input Logic High
VIH
(Note 1)
0.7 x
VDD
VDD +
0.5
V
Input Logic Low
VIL
(Note 1)
- 0.5
0.3 x
VDD
V
VOL1
3mA sink current (Note 1)
0
0.4
SDA Output Logic Low Voltage
VOL2
6mA sink current (Note 1)
0
0.6
V
PO Saturation Voltage
VOL
4mA sink current (Note 1)
0
0.4
V
Input Current for each I/O pin
0.4 < VI/O < 0.9 x VDD
-10
+10
µA
I/O Capacitance
CI/O
10
pF
Standby Current
ISTBY
0°C to +70°C (Note 2)
2
µA
Temperature conversion, -
55°C to +85°C (Note 3)
800
Temperature conversion,
+85°C to +125°C (Note 3)
900
µA
Active Supply Current
IDD
E
2 write (Note 3)
500
µA
10 bit
25
11 bit
50
12 bit
100
Temperature Conversion Time
TTC
13 bit
200
ms
Note 1: All voltages are referenced to GND.
Note 2: Specified with SDA = VDD; A0, A1, A2 = 0V or VDD.
Note 3: Specified with A0, A1, A2 = 0V or VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com