Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTP-101T Datasheet(PDF) 2 Page - Amphenol Corporation

Part # ZTP-101T
Description  Thermopile IR Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ZTP-101T Datasheet(HTML) 2 Page - Amphenol Corporation

  ZTP-101T Datasheet HTML 1Page - Amphenol Corporation ZTP-101T Datasheet HTML 2Page - Amphenol Corporation ZTP-101T Datasheet HTML 3Page - Amphenol Corporation ZTP-101T Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Limits
Units
Condition
Min
Typ
Max
Chip Size
3.0 X 3.0
mm2
Diaphragm
Size
1.5 x 1.5
mm2
Active Area
0.51 x
0.51
mm2
Internal
Resistance
140
200
260
kW
25°C
Resistance
T.C
0.10
%/°C
Responsivity
77
110
143
V/W
500K, 1 Hz
Responsivity
T.C
-0.11
%/°C
Noise Voltage
62
nV rms
R.M.S., 25°C
NEP
0.60
nW/Hz1/2
500K, 1 Hz
Detectivity
9.00 E07
cmHz1/2/W
500K, 1 Hz
Time
Constant
22
ms
Specifications
Thermopile Chip
Thermistor for Temperature Compensation
Parameter
Limits
Units
Condition
Min
Typ
Max
Resistance
29.1
30
30.9
kW
Tol. :3%, @25°C
Beta - Value
3773
3811
3849
K
Tol. :1%, Defined
at 0°C/50°C
Absolute Maximum Ratings
Operating Temperature
-20°C ~ 100°C
Storage Temperature
-40°C ~ 120°C
T ambient (° C)
Rmin (kW)
Rcent (kW)
Rmax (kW)
-40
267
284.7
303.2
-35
197.2
209.6
222.5
-30
147.1
155.9
165
-25
110.8
117.1
123.6
-20
84.16
88.68
93.35
-15
64.46
67.73
71.11
-10
49.74
52.13
54.59
-5
38.65
40.41
42.21
0
30.24
31.54
32.86
5
23.81
24.77
25.75
10
18.86
19.58
20.3
15
15.03
15.56
16.1
20
12.04
12.44
12.84
25
9.7
10
10.3
30
7.823
8.082
8.342
35
6.342
6.566
6.791
40
5.168
5.361
5.557
45
4.233
4.4
4.569
50
3.484
3.629
3.776
55
2.882
3.007
3.135
60
2.396
2.504
2.615
65
2.0009
2.095
2.192
70
1.679
1.7612
1.8458
75
1.4153
1.4871
1.5612
80
1.1984
1.261
1.3264
85
1.0193
1.0745
1.1317
90
0.8707
0.9193
0.9697
95
0.7469
0.7898
0.8344
100
0.6433
0.6812
0.7208
105
0.5562
0.5899
0.625
Thermistor Resistance (R-T Table)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com