Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD5W Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # GD5W
Description  Grid Dish Parabolic Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

GD5W Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  GD5W Datasheet HTML 1Page - Laird Tech Smart Technology GD5W Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4940 TO 5850 MHz WIDEBAND GRID DISH PARABOLIC ANTENNA
The 5 GHz wide band parabolic grid directional antennas offered by Laird utilize a unique
patented parabolic grid design with compact patented high performance feed. The antennas are
constructed of welded steel wires which are galvanized and then powder coat painted with a
light gray epoxy paint. The wire grid semi-parabolic design offers unsurpassed low wind loading
while maintaining good RF performance. The compact low visual impact attractive styling blends
well in almost any application. Mounting is simplified with the Laird bracket system made of
galvanized steel with stainless steel hardware. The 28 dBi model comes with a super heavy duty
bracket system to give even greater stability in high winds. The feed has a 30 inch pigtail and N
female connector standard. Other connectors are available upon special request.
FEATURES
• Ultra wideband operation 4940-5850 MHz
• 21 dBi , 25 dBi and 28 dBi models available
• Rugged and weatherproof
• Ultra low wind loading and low visual impact
• Vertical or horizontal polarization
• 30 inch pigtail with type N female connector
• 28 dBi model includes super heavy duty
bracket for greater stability
MARKETS
• 5 GHz wireless LAN applications
• 4.9 GHz public safety applications
• Point-to-point backhaul
• 802.11a clients
• WiMAX
Grid Dish Parabolic Antenna
GD5W
ANTENNA PATTERN
GD5W-28P-NF
5800 MHz
Americas: +1.847 839.6927 
IAS‐AmericasEastSales@lairdtech.com 
Europe: +44.1628.858941 
IAS‐EUSales@lairdtech.com 
Asia:  +86.21.5855.0827.127 
IAS‐AsiaSales@lairdtech.com 
www.lairdtech.com 


Similar Part No. - GD5W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD5W-21P ETC2-GD5W-21P Datasheet
1Mb / 12P
Client Side Antennas
GD5W-25P ETC2-GD5W-25P Datasheet
1Mb / 12P
Client Side Antennas
GD5W-28P ETC2-GD5W-28P Datasheet
1Mb / 12P
Client Side Antennas
More results

Similar Description - GD5W

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
DR251 MIC-DR251 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR351 MIC-DR351 Datasheet
46Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
Harris Corporation
RF-7800W-AT013 HARRIS-RF-7800W-AT013 Datasheet
264Kb / 2P
Rapidly Deployable Three-Foot Parabolic grid Antenna
logo
Shenzhen Ping Sheng Ele...
DR251 PFS-DR251 Datasheet
159Kb / 2P
DISH AUTOMOTIVE RECTIFIER
DR351 PFS-DR351 Datasheet
159Kb / 2P
DISH AUTOMOTIVE RECTIFIER
logo
List of Unclassifed Man...
FG-WLY-AL06NF ETC2-FG-WLY-AL06NF Datasheet
286Kb / 2P
2.4 GHz YAGI grid antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Red Lion Controls. Inc
ANT-PD58-32 REDLION-ANT-PD58-32 Datasheet
733Kb / 2P
Parabolic Dish Antenna System
logo
Laird Tech Smart Techno...
S24024P LSTD-S24024P Datasheet
702Kb / 1P
Parabolic Dish Antenna
GD5X LSTD-GD5X Datasheet
1Mb / 2P
Grid Dish Parabolic Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com