Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM84 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM84
Description  Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM84 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM84 Datasheet HTML 1Page - National Semiconductor (TI) LM84 Datasheet HTML 2Page - National Semiconductor (TI) LM84 Datasheet HTML 3Page - National Semiconductor (TI) LM84 Datasheet HTML 4Page - National Semiconductor (TI) LM84 Datasheet HTML 5Page - National Semiconductor (TI) LM84 Datasheet HTML 6Page - National Semiconductor (TI) LM84 Datasheet HTML 7Page - National Semiconductor (TI) LM84 Datasheet HTML 8Page - National Semiconductor (TI) LM84 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM84
Diode Input Digital Temperature Sensor with Two-Wire
Interface
General Description
The
LM84
is
a
remote
diode
temperature
sensor,
Delta-Sigma
analog-to-digital
converter,
and
digital
over-temperature detector with an SMBus™ interface. The
LM84 senses its own temperature as well as the tempera-
ture of a target IC with a diode junction, such as a Pentium®
II processor or a diode connected 2N3904. A diode junction
(semiconductor junction) is required on the target IC’s die. A
host can query the LM84 at any time to read the temperature
of this diode as well as the temperature state of the LM84
itself. A T_CRIT_A interrupt output becomes active when the
temperature is greater than a programmable comparator
limit, T_CRIT.
The host can program as well as read back the state of the
T_CRIT register. Three state logic inputs allow two pins
(ADD0, ADD1) to select up to 9 SMBus address locations for
the LM84. The sensor powers up with default thresholds of
127˚C for T_CRIT.
Features
n
Directly senses die temperature of remote ICs
n
Senses temperature of remote diodes
n
SMBus compatible interface, supports SMBus Timeout
n
Register readback capability
n
7 bit plus sign temperature data format
n
2 address select lines enable 9 LM84s to be connected
to a single bus
Key Specifications
j Supply Voltage
3.0V - 3.6V
j Supply Current
1 mA (max)
j Local Temperature Accuracy
±1.0˚C (typ)
j Remote Diode Temperature Accuracy
+60˚C to +100˚C
±3˚C (max)
0˚C to +125˚C
±5˚C (max)
Applications
n
System Thermal Management
n
Personal Computers
n
Electronic Test Equipment
n
Office Electronics
n
HVAC
Simplified Block Diagram
SMBus™ is a trademark of the Intel Corporation.
Pentium® II processor is a registered trademark of the Intel Corporation.
I2C® is a registered trademark of the Philips Corporation.
DS100961-1
# Indicates Active Low (”NOT“)
July 2000
© 2001 National Semiconductor Corporation
DS100961
www.national.com


Similar Part No. - LM84

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM84 TI-LM84 Datasheet
169Kb / 18P
Diode Input Digital Temperature Sensor with Two-Wire Interface
LM84 TI2-LM84 Datasheet
211Kb / 18P
LM84 Diode Input Digital Temperature Sensor with Two-Wire Interface
July 2000
logo
National Semiconductor ...
LM8400 NSC-LM8400 Datasheet
319Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
logo
LM Technologies Ltd
LM842 LMTECHNOLOGIES-LM842 Datasheet
1Mb / 8P
LM842 WiFi 802.11ac / Bluetooth® 5.0 2T2R USB Adapter
26/JAN/2021
LM842-8420 LMTECHNOLOGIES-LM842-8420 Datasheet
1Mb / 8P
LM842 WiFi 802.11ac / Bluetooth® 5.0 2T2R USB Adapter
26/JAN/2021
More results

Similar Description - LM84

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
LM84 TI-LM84_15 Datasheet
169Kb / 18P
Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com