Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG418BAK/883 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG418BAK/883
Description  Precision CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418BAK/883 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG418BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 8Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Dual-In-Line, SOIC-8 and MSOP-8
S
D
NC
V -
GND
IN
V+
VL
2
3
4
8
7
6
5
Top View
1
Dual-In-Line, SOIC-8 and MSOP-8
D
S2
S1
V-
GND
IN
V+
VL
2
3
4
8
7
6
5
Top View
DG417B
DG419B
DG417B/418B/419B
Vishay Siliconix
New Product
Document Number: 72107
S-31538—Rev. B, 11-Aug-03
www.vishay.com
1
Precision CMOS Analog Switches
FEATURES
BENEFITS
APPLICATIONS
D "15-V Analog Signal Range
D On-Resistance—rDS(on): 15 W
D Fast Switching Action—tON: 100 ns
D TTL and CMOS Compatible
D MSOP-8 and SOIC-8 Packaging
D Wide Dynamic Range
D Low Signal Errors and Distortion
D Break-Before-Make Switching Action
D Simple Interfacing
D Reduced Board Space
D Improved Reliability
D Precision Test Equipment
D Precision Instrumentation
D Battery Powered Systems
D Sample-and-Hold Circuits
D Military Radios
D Guidance and Control Systems
D Hard Disk Drives
DESCRIPTION
The DG417B/418B/419B monolithic CMOS analog switches
were designed to provide high performance switching of
analog signals. Combining low power, low leakages, high
speed, low on-resistance and small physical size, the DG417B
series
is
ideally
suited
for
portable
and
battery
powered industrial and military applications requiring high
performance and efficient use of board space.
To achieve high-voltage ratings and superior switching
performance, the DG417B series is built on Vishay Siliconix’s
high voltage silicon gate (HVSG) process. Break-before-make
is guaranteed for the DG419B, which is an SPDT
configuration. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when on,
and blocks up to the power supply level when off.
The DG417B and DG418B respond to opposite control logic
levels as shown in the Truth Table.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
DG417B
DG418B
0
ON
OFF
1
OFF
ON
Logic “0” =
v 0.8 V, Logic “1” = w 2.4 V
TRUTH TABLEDG419B
Logic
SW1
SW2
0
ON
OFF
1
OFF
ON
Logic “0” =
v 0.8 V, Logic “1” = w 2.4 V


Similar Part No. - DG418BAK/883

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG418B VISHAY-DG418B Datasheet
163Kb / 10P
Precision Monolithic Quad SPST CMOS Analog Switches
14-May-07
DG418B VISHAY-DG418B Datasheet
345Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
DG418B VISHAY-DG418B Datasheet
350Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
DG418B VISHAY-DG418B Datasheet
273Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
DG418BDJ VISHAY-DG418BDJ Datasheet
163Kb / 10P
Precision Monolithic Quad SPST CMOS Analog Switches
14-May-07
More results

Similar Description - DG418BAK/883

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
Precision CMOS Analog Switches
25-Jun-07
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
Precision Monolithic Quad SPST CMOS Analog Switches
14-May-07
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
Precision CMOS Analog Switches
19-Jul-10
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com