Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC1089B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC1089B
Description  InGaP HBT Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EC1089B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC1089B Datasheet HTML 1Page - List of Unclassifed Manufacturers EC1089B Datasheet HTML 2Page - List of Unclassifed Manufacturers EC1089B Datasheet HTML 3Page - List of Unclassifed Manufacturers EC1089B Datasheet HTML 4Page - List of Unclassifed Manufacturers EC1089B Datasheet HTML 5Page - List of Unclassifed Manufacturers EC1089B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004
EC1089
¼ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
Typical Device Data
S-Parameters (VDS = +5 V, Icc = 160 mA, T = 25 C, unmatched 50 ohm system)
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Gain / Maximum Stable Gain
0
5
10
15
20
25
30
DB(|S[2,1]|)
DB(GMax)
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S11
Swp Max
6GHz
Swp Min
0.1GHz
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S22
Swp Max
6GHz
Swp Min
0.1GHz
Notes:
The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a particular frequency,
it is expected that actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the dashed red line.
The return loss plots are shown from 50 – 3000 MHz, with markers placed at 0.5 – 3.0 GHz in 0.5 GHz increments.
S-Parameters (VDS = +5 V, IDS = 160 mA, T = 25 C, unmatched 50 ohm system, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-3.61
-169.14
23.08
149.67
-30.46
17.14
-7.74
-128.38
100
-3.31
-173.35
21.93
148.90
-29.57
14.05
-7.80
-143.29
200
-2.62
179.12
19.02
146.43
-27.97
9.40
-6.40
-169.43
400
-2.62
173.23
17.74
136.11
-27.96
10.86
-6.33
-179.95
600
-2.54
168.30
16.69
123.77
-27.96
10.86
-6.09
173.78
800
-2.39
163.31
15.62
111.53
-27.96
10.62
-5.86
168.37
1000
-2.27
158.06
14.57
101.13
-26.02
9.88
-5.68
163.12
1200
-2.21
152.89
13.55
91.40
-26.02
8.87
-5.58
157.73
1400
-2.16
147.55
12.54
82.69
-26.02
7.57
-5.37
152.46
1600
-2.05
142.54
11.65
74.35
-26.02
5.95
-5.20
147.09
1800
-1.99
137.85
10.70
66.99
-25.08
4.22
-5.20
141.71
2000
-1.84
133.47
9.91
59.96
-24.44
2.37
-5.05
136.43
2200
-1.68
129.41
9.13
53.84
-24.44
0.24
-5.01
131.29
2400
-1.46
125.20
8.46
47.68
-24.44
-2.39
-4.89
126.16
2600
-1.33
120.48
7.85
41.30
-23.27
-5.53
-4.88
121.19
2800
-1.20
115.03
7.22
34.74
-23.10
-9.13
-4.73
116.28
3000
-1.17
109.05
6.62
27.78
-23.10
-12.86
-4.66
111.40
Device S-parameters are available for download off of the website at: http://www.wj.com
Application Circuit PC Board Layout
Circuit Board Material: .014” Getek, 4 layers (other layers added for rigidity), .062” total thickness, 1 oz copper
Microstrip line details: width = .026”, spacing = .026”



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com