Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECG055B-PCB Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # ECG055B-PCB
Description  The Communications Edge
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG055B-PCB Datasheet(HTML) 2 Page - WJ Communication. Inc.

  ECG055B-PCB Datasheet HTML 1Page - WJ Communication. Inc. ECG055B-PCB Datasheet HTML 2Page - WJ Communication. Inc. ECG055B-PCB Datasheet HTML 3Page - WJ Communication. Inc. ECG055B-PCB Datasheet HTML 4Page - WJ Communication. Inc. ECG055B-PCB Datasheet HTML 5Page - WJ Communication. Inc. ECG055B-PCB Datasheet HTML 6Page - WJ Communication. Inc. ECG055B-PCB Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004
ECG055
InGaP HBT Gain Block
Product Information
The Communications Edge TM
Typical Device RF Performance
Supply Bias = +6 V, Rbias = 18 :, Icc = 65 mA
Frequency
MHz
100
500
900
1900
2140
2400
3500
5800
S21
dB
20.2
20.1
19.7
18.5
18.2
17.8
16.2
14
S11
dB
-36
-30
-27
-22
-22
-22
-24
-21
S22
dB
-23
-23
-23
-21
-20
-20
-17
-11
Output P1dB
dBm
+18.2
+18
+18.1
+18.2
+17.8
+17.8
+17.2
Output IP3
dBm
+33
+33.5
+34.5
+33.5
+32.9
+32
Noise Figure
dB
3.4
4.6
4.5
4.3
4.2
4.2
1. Test conditions: T = 25º C, Supply Voltage = +6 V, Device Voltage = 4.8 V, Rbias = 18 , Icc = 65 mA typical, 50
System.
2. 3OIP measured with two tones at an output power of +4 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit.
Gainvs. Frequency
0
5
10
15
20
25
0
1
2
3
4
5
6
Frequency(GHz)
S11, S22vs. Frequency
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
Frequency(GHz)
S22
S11
Iccvs. Vde
0
20
40
60
80
100
120
140
160
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Vcc
OIP3vs. Frequency
20
25
30
35
40
1
2
3
4
Frequency(MHz)
25°C
-40°C
85°C
NoiseFigurevs. Frequency
2
3
4
5
6
500
1000
1500
2000
2500
3000
Frequency(MHz)
P1dBvs. Frequency
14
16
18
20
1
2
3
4
Frequency(MHz)
25°C
-40°C
85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com