Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROL Datasheet(PDF) 1 Page - Recom International Power

Part # ROL
Description  Industry Standard Pinout
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROL Datasheet(HTML) 1 Page - Recom International Power

  ROL Datasheet HTML 1Page - Recom International Power ROL Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation (10% to 100% full load)
10% max. / 4% typ.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
20kHz min. / 54kHz typ.
Efficiency at Full Load
70% min. / 85% typ.
Efficiency at 50%l Load
65% min. / 80% typ.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC
H-Suffix
(rated for 1 minute**)
1000VAC / 60Hz
Isolation Capacitance
20pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
1.4g
Packing Quantity
42 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
985 x 103 hours
(+85°C)
using MIL-HDBK 217F
200 x 103 hours
Certifications
EN General Safety
Report: SPCLVD1109103
EN 60950-1:2006 + A12:2011
UL General Safety
Report: E358085
UL 60950-1, 2nd Edition
ECONOLINE
DC/DC-Converter
with 3 year Warranty
ROL
EN-60950-1 Certified
UL-60950-1 Certified
Selection Guide
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Derating-Graph
(Ambient Temperature)
Industry Standard Pinout
1kVDC or 2kVDC Isolation
UL94V-0 Package Material
Optional Continuous Short Circuit Protected
Fully Encapsulated
Custom Solutions Available
Efficiency to 87%
Features
Unregulated
Converter
} Detailed Information see
Application Notes chapter "MTBF"
Description
The ROL DC/DC converters are typically used in general purpose low power isola-
tion and voltage matching applications, and feature a full industrial operating tem-
perature range of -40°C to +85°C without derating.
Part
Input
Output
Output
Efficiency
Max.
Number
Voltage
Voltage
Current
Capacitive
SIP 4
(2kV)
(VDC)
(VDC)
(mA)
(%)
Load(1)
ROL-xx05S
(H)
5, 12
5
100
78-82
470µF
ROL-xx12S
(H)
5, 12
12
42
80-86
150µF
ROL-xx15S
(H)
5, 12
15
33
80-87
150µF
xx = Input Voltage (other input and output voltage combinations available on request)
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
ROL-0505S/P, ROL-0505S/HP
0.5 Watt
SIP4
Single
Output
RoHS
2011/65/EU
6/6
E358085
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer
to our Application Notes.
Refer to Application Notes
REV: 0/2015
www.recom-power.com
E-6


Similar Part No. - ROL

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
ROL-0512S RECOM-ROL-0512S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
ROL-0515S RECOM-ROL-0515S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
ROL-1205S RECOM-ROL-1205S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
ROL-1212S RECOM-ROL-1212S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
More results

Similar Description - ROL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF_15 Datasheet
197Kb / 10P
Industry-standard pinout
IRLML0060PBF IRF-IRLML0060PBF_15 Datasheet
205Kb / 10P
Industry-standard pinout
logo
Minmax Technology Co., ...
MA01-HI MINMAX-MA01-HI Datasheet
405Kb / 4P
Industry Standard Pinout
logo
Texas Instruments
UCC27524D TI1-UCC27524D Datasheet
2Mb / 43P
Industry-Standard Pinout
logo
XP Power Limited
ISQ XPPOWER-ISQ Datasheet
223Kb / 1P
Industry Standard Pinout
IST XPPOWER-IST Datasheet
210Kb / 1P
Industry Standard Pinout
logo
National Semiconductor ...
NMC6514 NSC-NMC6514 Datasheet
323Kb / 6P
industry standard pinout
NMC6518 NSC-NMC6518 Datasheet
339Kb / 6P
industry standard pinout
logo
Infineon Technologies A...
IRLML0060TRPBF INFINEON-IRLML0060TRPBF Datasheet
297Kb / 10P
Industry-Standard Pinout
2016-12-20
logo
Guangdong Youtai Semico...
IRLML9303 UMW-IRLML9303 Datasheet
470Kb / 8P
Industry-standard pinout
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com