Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

217843 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 217843
Description  Pistol Grip Seating Tool
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

217843 Datasheet(HTML) 2 Page - Tyco Electronics

  217843 Datasheet HTML 1Page - Tyco Electronics 217843 Datasheet HTML 2Page - Tyco Electronics 217843 Datasheet HTML 3Page - Tyco Electronics 217843 Datasheet HTML 4Page - Tyco Electronics 217843 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
408-4109
2 of 5
Rev C
manually bend carrier strip up and down until it
breaks off.
5. If contacts are seated too deeply, remove the
head and turn the insertion rod adjuster
CLOCKWISE. A 1/6-revolution adjustment will
reduce the seating depth approximately 0.41 [.016].
See Figure 2.
6. Repeat Steps 1, 2, and 3.
Figure 2
7. If contacts are not seated deeply enough, remove
the seating tool and turn the insertion rod adjuster
COUNTERCLOCKWISE. A 1/6-revolution
adjustment will increase the seating depth
approximately 0.41 [.016]. See Figure 2.
8. Repeat Steps 1, 2, and 3.
3.2. For Bench-Mount Pneumatic Assembly
1. Select a terminated connector.
2. Load connector into seating tool and cycle the
tool.
3. Inspect seated connector according to Figure 6.
4. If contacts are properly seated in the housings,
remove connector from the seating tool and
manually bend the carrier strip up and down until it
breaks off.
5. If contacts are seated too deeply, decrease air
pressure by 69 kPa [10 psi] and repeat Steps 1, 2,
and 3.
Do not reduce air pressure below 280 kPa [40 psi].
6. If contacts are still seated too deeply at 280 kPa
[40 psi], remove the seating tool and turn the
insertion rod adjuster. A 1/6 revolution CLOCKWISE
(see Figure 2) will reduce seating depth
approximately 0.41 [.016].
7. Repeat Steps 1, 2, and 3.
8. If contacts are not seated deeply enough,
increase air pressure by 69 kPa [10 psi] and repeat
Steps 1, 2, and 3.
Do not raise air pressure above 480 kPa [70 psi].
9. If contact is still not seated deeply enough,
reduce air pressure back to 280 kPa [40 psi],
remove seating tool and turn insertion rod adjuster.
A 1/6 revolution COUNTERCLOCKWISE (see
Figure 2) will increase depth approximately 0.41
[.016].
10. Repeat Steps 1, 2, 3, 8, and 9 until the proper
seating depth is obtained.
3.3. Product Setup
The seating tool will seat the entire range of
AMPMODU MTE connectors. The position of the drive
bar is the only change that is required when using
different types of connectors.
1. For shrouded pin connectors, use the side of the
drive bar with the large shoulder.
2. For unshrouded pin and receptacle connectors,
use the side of the drive bar with the small shoulder.
To change the drive bar, proceed as follows:
1. Remove the 4-40 socket head cap screw.
2. Lift the drive bar off of the locating pin on the slide
bar.
3. Rotate the drive bar 180 degrees.
4. Replace the drive bar onto the same locating pin
on the slide bar.
If you experience difficulty in replacing the drive bar
onto the slide bar, apply pressure to the insertion
rod adjuster to move the slide bar .
5. Replace the 4-40 socket head cap screw.
3.4. Loading the Product Into the Tool
The connector strip should be moved to the
approximate center of the seating tool to ensure
smoother operation. There are two different methods
for loading product into the seating tool: side loading
and front loading.
Turn Clockwise to
Reduce Wire
Insertion Depth
Turn Counterclockwise
tIncrease Wire
Insertion Depth
Adjuster
Insertion
Rod
NOTE: 1/6 Revolution Equals 0.41 [.016]
NOTE
i
NOTE
i
NOTE
i



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com