| Electronic Components Datasheet Search |
|
354425--1 Datasheet(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
354425--1 Datasheet(HTML) 2 Page - Tyco Electronics |
|
2 / 4 page ![]() 408- 4321 Pneumatic CERTI- CRIMP Tool Holder 356304- 1 Rev C 2 of 4 Tyco Electronics Corporation Figure 2 Friction Ring Ratchet Pawl Cam Teeth Stop Ring Cam Setscrew Pneumatic Tooling Assembly (Power Unit) (Ref) Piston Rod Locking Ring Tool Holder Crimp Head Adapter (Ref) Over--tightening the cam setscrew may damage the setscrew or cam. 4. Properly align tool holder ratchet pawl with the cam teeth and push tool holder onto power unit so that it passes over the friction ring on the power unit piston. See Figure 2. 5. Slide power unit locking ring toward tool holder until it butts against the stop ring on the power unit. Then turn ring clockwise to engage threads on the bottom of the tool holder. Tighten locking ring to fully secure the tool holder. When tool holder is properly installed, the locking ring should be butted against the stop ring, and threads of the tool holder should not be visible. If not properly installed, check that correct combination of cam and tool holder is used and that they are aligned properly. 6. Rotate the tool holder one full turn in each direction and note that the power unit locking ring rotates with the tool holder. To avoid personal injury, periodically check that locking ring is tightly securing the tool holder. After installation, ALWAYS ensure that the tool holder pivot pins are fully tightened to avoid personal injury or damage to the tool. Removal is the reverse of installation. 3.2. Crimp Head Adapter and Crimping Die Installation Refer to the instruction sheet packaged with the crimp head adapter for the particular product to be crimped. 4. CRIMP HEIGHT ADJUSTMENT The tool holder features an adjustable eccentric and a ratchet mechanism with a range of settings. The position of the pawl ensures that the tool completes the cycle. The eccentric controls the amount of cam pressure exerted on the crimping dies during the crimping procedure. Although the ratchet is preset prior to shipment, it is important that you verify the crimp height. Also, general use and subsequent wear may cause the tool to go out of adjustment. It is recommended that the crimp height be inspected, and adjusted, if necessary, on a regular basis by quality control personnel. 1. Connect pneumatic tooling to an adequate air supply between 620--690 kPa [90--100 psi]. For specific information on air line requirements and air hose installation, refer to the instructions packaged with the pneumatic tooling assembly. 2. Place a contact in the crimp nest and place a properly prepared wire of the correct size into the wire barrel. 3. Place a .025--mm [.001--in.] shim between the crimping dies where the dies bottom against each other. CAUTION ! NOTE i DANGER DANGER NOTE i |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |