Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9011 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9011
Description  Electronic Ignition Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9011 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9011 Datasheet HTML 1Page - National Semiconductor (TI) LM9011 Datasheet HTML 2Page - National Semiconductor (TI) LM9011 Datasheet HTML 3Page - National Semiconductor (TI) LM9011 Datasheet HTML 4Page - National Semiconductor (TI) LM9011 Datasheet HTML 5Page - National Semiconductor (TI) LM9011 Datasheet HTML 6Page - National Semiconductor (TI) LM9011 Datasheet HTML 7Page - National Semiconductor (TI) LM9011 Datasheet HTML 8Page - National Semiconductor (TI) LM9011 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
Voltage
-0.3V to +7.0V
S_HI Voltage
-0.3V to 26.5V
VR_HI and VR_LO Inputs
+/-3mA
Comparator Inputs
-0.3V to +7.0V
Timing Interface Inputs
-0.3V to +7.0V
ESD Susceptibility (Note 3)
+/-2000V
Maximum Junction Temperature
150˚C
Storage Temperature Range
-65˚C to +150˚C
Lead Soldering Information:
Vapor Phase (60 Seconds)
215˚C
Infrared (15 Seconds)
220˚C
Operating Ratings (Note 3)
V
CC Voltage
4.75V to 5.25V
S_HI Voltage
V
CC to 26V
Sx Outputs
-0.3V to S_HI +0.3V
Comparator Inputs
VR_HI and VR_LO Inputs
-0.3V to V
CC +0.3V
+/-2.75mA
Timing Interface Inputs
-0.3V to V
CC +0.3V
Thermal Resistances (M28B):
Junction to Case (
θJ-C)
15˚C/W
Junction to Ambient (
θJ-C)
69˚C/W
DC Electrical Characteristics The following specifications apply for V
CC = 5V, VRESET =VCC,VS_HI =
V
CC, -40˚C ≤ TA ≤ +125˚C, Application Circuit Figure 16, unless otherwise specified.
Symbol
Parameter
Conditions
Minimum
Maximum
Units
I
CC
Supply Current
RESET, IN_4 = V
CC
25
mA
ENB, D0, D1, IN_1, IN_2, IN_3 =
0V
VR_HI = +12.5µA
VR_LO = -12.5µA
Comparators
V
TH1
Input Threshold
V
IN _1 Decreasing from VCC to 0V
until V
OUT_1 > VCC/2
V
CC X 0.435
V
CC X 0.485
V
V
TH2
Input Threshold
V
IN_2 Decreasing from VCC to 0V
until V
OUT_2 > VCC/2
V
CC X 0.435
V
CC X 0.485
V
V
TH3
Input Threshold
V
IN_3 Decreasing from VCC to 0V
until V
OUT_3 > VCC/2
V
CC X 0.40
V
CC X 0.45
V
V
TH4
Input Threshold
V
IN_4 Decreasing from VCC to 0V
until V
OUT_4 < VCC/2
V
CC X 0.45
V
CC X 0.50
V
V
HYST
Input Hysteresis
All Comparators
150
400
mV
I
BIAS
Input Bias Current
IN_1, IN_2, IN_3 = 0V
≤ V
IN≤VCC
IN_4 = 0V
≤ V
IN_4 ≤ VCC-1V
750
µA
V
OH
Output High Voltage
I
LOAD = -100µAV
V
CC -1
V
V
OL
Output Low Voltage
I
LOAD = +100µAV
750
mV
VR Sensor Interface
V
OH
Output High Voltage
I
LOAD = -15µA
VR_HI= -1mA, VR_LO = +1mA
V
CC -1
V
V
OL
Output Low Voltage
Load = +15µA
VR_HI=+1mA, VR_LO = -1mA
750
mV
I
DIFF(MIN)
Minimum Detect Differential Input
Current (Note 4)
-40˚C
≤ T
A≤ +25˚C
T
A = +85˚C (Note 7)
T
A = +125˚C
0.5
0.6
1.0
3.0
3.5
5.0
uA Pk-Pk
uA Pk-Pk
uA Pk-Pk
I
HYS1
Input Hysteresis (Note 4)
I
DIFF = 1mA pk-pk
75
250
uA Pk
I
HYS2
Input Hysteresis (Note 4)
I
DIFF = 2.5mA pk-pk
185
625
uA Pk
Electronic Timing Interface
V
IH
Input Logic 1 D0, D1, ENB,
RESET
V
CC X 0.7
V
V
IL
Input Logic 0 D0, D1, ENB,
RESET
V
CC X 0.3
V
I
IH
Input High Current Inputs D0, D1,
RESET
V
IN =VCC
10
µA
I
IH
Input High Current Input ENB
V
IN =VCC
125
µA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com