| Electronic Components Datasheet Search |
|
189765--1 Datasheet(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
189765--1 Datasheet(HTML) 2 Page - Tyco Electronics |
|
2 / 5 page ![]() 408--4485 DAHT Adapter Assembly 1213563--1 Rev B 2 of 5 Tyco Electronics Corporation 3. SET UP 3.1. Crimp Head Removal from Hand Tool 1. Remove the two retaining rings from one side of the hand tool body and push the retaining pins, along with the two remaining retaining rings, through the opposite side of the tool body as shown in Figure 2. 2. Slide the crimp head out of the tool body. 3.2. Crimp Head Installation onto Adapter The adapter has two quick pins installed. The quick pins will be used to secure the crimp head to the adapter. Therefore, these quick pins must be removed prior to installing the crimp head, then proceed as follows: 1. Align the crimp head mounting holes with the adapter quick pin holes as shown in Figure 1, then insert the crimp head into adapter cavity. 2. Install the quick pins through the slotted holes in the adapter and into the crimp head mounting holes. See Figure 1. If quick pins become difficult to install, it may be necessary to jog the clevises to properly align the holes. After the crimp head is installed, make sure that the quick pins are FULLY inserted to avoid personal injury and damage to the tool. 3.3. Adapter Installation and Removal After the crimp head has been installed onto the adapter, the adapter is ready for installation onto the pneumatic tool. Refer to Customer Manual 409--5862 for instructions on removing a previously installed cam and tool holder from the pneumatic tool. Air pressure must be removed from the pneumatic tool t while crimp head or tool holder is detached. DO NOT operate the pneumatic tool without the proper adapter and crimp head installed. 1. If the adapter cam setscrew is not installed in the adapter cam, thread the setscrew into the adapter cam two to three turns. 2. Place the adapter cam (with setscrew) onto the piston rod of the pneumatic tool as shown in Figure 3. The adapter cam should butt against the piston rod face. If not, turn the setscrew counterclockwise until the adapter cam fits on the piston rod properly. Over--tightening the adapter cam setscrew may damage the setscrew or cam. 3. Using the hex wrench supplied with the adapter, tighten the cam setscrew, then pull on the cam to ensure that it is firmly attached. Figure 2 Retaining Rings Typical DAHT Handle Assembly Retaining Pins Typical DAHT Crimp Head Retaining Rings NOTE i DANGER DANGER DANGER CAUTION ! |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |