Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4000-2ARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4000-2ARZ-R7
Description  Low Cost, Precision JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4000-2ARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4000-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADA4000-1/ADA4000-2/ADA4000-4
Data Sheet
Rev. B | Page 14 of 16
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADA4000-1ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-1ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-1ARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-1AUJZ-R2
−40°C to +125°C
5-Lead TSOT
UJ-5
A14
ADA4000-1AUJZ-R7
−40°C to +125°C
5-Lead TSOT
UJ-5
A14
ADA4000-1AUJZ-RL
−40°C to +125°C
5-Lead TSOT
UJ-5
A14
ADA4000-2ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-2ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-2ARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4000-2ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
A1H
ADA4000-2ARMZ-RL
−40°C to +125°C
8-Lead MSOP
RM-8
A1H
ADA4000-4ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
ADA4000-4ARZ-R7
−40°C to +125°C
14-Lead SOIC_N
R-14
ADA4000-4ARZ-RL
−40°C to +125°C
14-Lead SOIC_N
R-14
ADA4000-4ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
ADA4000-4ARUZ-RL
−40°C to +125°C
14-Lead TSSOP
RU-14
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com