Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4853-3YRUZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4853-3YRUZ-R7
Description  Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-3YRUZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4853-3YRUZ-R7 Datasheet HTML 12Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 13Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 14Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 15Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 16Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 17Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 18Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 19Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
ADA4853-1/ADA4853-2/ADA4853-3
Rev. G | Page 19 of 20
3.10
3.00 SQ
2.90
0.30
0.25
0.20
1.65
1.50 SQ
1.45
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
COMPLIANT TO JEDEC STANDARDS MO-220-WEED-6.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION
SECTION OF THIS DATA SHEET.
Figure 54. 16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
3 mm × 3 mm Body, Very Very Thin Quad
(CP-16-27)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature
Range
Package Description
Ordering
Quantity
Package
Option
Branding
ADA4853-1AKSZ-R2
−40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
250
KS-6
HEC
ADA4853-1AKSZ-R7
−40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
3000
KS-6
HEC
ADA4853-1AKSZ-RL
−40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
10,000
KS-6
HEC
ADA4853-1AKS-EBZ
Evaluation Board
1
ADA4853-2YCPZ-R2
−40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
250
CP-16-27
H0H
ADA4853-2YCPZ-RL
−40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
5000
CP-16-27
H0H
ADA4853-2YCPZ-RL7
−40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
1500
CP-16-27
H0H
ADA4853-2YCP-EBZ
Evaluation Board
1
ADA4853-3YCPZ-R2
−40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
250
CP-16-27
H0L
ADA4853-3YCPZ-RL
−40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
5000
CP-16-27
H0L
ADA4853-3YCPZ-R7
−40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
1500
CP-16-27
H0L
ADA4853-3WYCPZ-R7
−40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
1500
CP-16-27
H2H
ADA4853-3YCP-EBZ
Evaluation Board
ADA4853-3YRUZ
−40°C to +105°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
96
RU-14
ADA4853-3YRUZ-RL
−40°C to +105°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
2500
RU-14
ADA4853-3YRUZ-R7
−40°C to +105°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
1000
RU-14
ADA4853-3YRU-EBZ
Evaluation Board
1
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADA4853-3W model is available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com