Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07DRZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP07DRZ
Description  150 關V Maximum Offset Voltage Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07DRZ Datasheet(HTML) 1 Page - Analog Devices

  OP07DRZ Datasheet HTML 1Page - Analog Devices OP07DRZ Datasheet HTML 2Page - Analog Devices OP07DRZ Datasheet HTML 3Page - Analog Devices OP07DRZ Datasheet HTML 4Page - Analog Devices OP07DRZ Datasheet HTML 5Page - Analog Devices OP07DRZ Datasheet HTML 6Page - Analog Devices OP07DRZ Datasheet HTML 7Page - Analog Devices OP07DRZ Datasheet HTML 8Page - Analog Devices OP07DRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
150 μV Maximum Offset Voltage Op Amp
OP07D
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113 © 2005–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 150 µV max
Input offset drift: 1.5 µV/°C max
Low noise: 0.25 μV p-p
High gain CMRR and PSRR: 115 dB min
Low supply current: 1.1 mA
Wide supply voltage range: ±4 V to ±18 V operation
APPLICATIONS
Medical and industrial instrumentation
Sensors and controls
Thermocouple
RTDs
Strain bridges
Shunt current measurements
Precision filters
GENERAL DESCRIPTION
The OP07D is a precision, ultralow offset amplifier. It integrates
low power (1.1 mA typical), low input bias current (±1 nA
maximum), and high CMRR/PSRR (130 dB) in the small DIP
package. Operation is fully specified from ±5 V to ±15 V supply.
The OP07D provides higher accuracy than industry-standard
OP07-type amplifiers due to Analog Devices’ iPolar™ process,
which supports enhanced performance in a smaller footprint.
These performance enhancements include wider output swing,
lower power, and higher CMRR (common-mode rejection
ratio) and PSRR (power supply rejection ratio). The OP07D
maintains stability of offsets and gain virtually regardless of
variations in time or temperature. Excellent linearity and gain
accuracy can be maintained at high closed-loop gains.
The OP07D is fully specified over the extended industrial tem-
perature range of −40°C to +125°C. The OP07D amplifier is
available in 8-lead DIP and the popular 8-lead, narrow SOIC
lead-free packages.
PIN CONFIGURATIONS
OP07D
TOP VIEW
(Not to Scale)
NC = NO CONNECT
1
NULL
8
NULL
2
–IN
7
V+
3
+IN
6
OUT
4
V–
5
NC
Figure 1. 8-Lead SOIC_N (R-8), 8-Lead DIP (N-8)


Similar Part No. - OP07DRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP07DRZ AD-OP07DRZ Datasheet
339Kb / 16P
150 關V Maximum Offset Voltage Op Amp
REV. 0
OP07DRZ AD-OP07DRZ Datasheet
251Kb / 16P
150 μV Maximum Offset Voltage Op Amp
Rev. A
OP07DRZ-REEL AD-OP07DRZ-REEL Datasheet
339Kb / 16P
150 關V Maximum Offset Voltage Op Amp
REV. 0
OP07DRZ-REEL AD-OP07DRZ-REEL Datasheet
251Kb / 16P
150 μV Maximum Offset Voltage Op Amp
Rev. A
OP07DRZ-REEL7 AD-OP07DRZ-REEL7 Datasheet
339Kb / 16P
150 關V Maximum Offset Voltage Op Amp
REV. 0
More results

Similar Description - OP07DRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD708 AD-AD708 Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
AD8677 AD-AD8677 Datasheet
290Kb / 16P
130 uV Maximum Offset Voltage Op Amp in TSOT
11/05-Revision 0
OP07D AD-OP07D Datasheet
339Kb / 16P
150 關V Maximum Offset Voltage Op Amp
REV. 0
AD708 AD-AD708_06 Datasheet
351Kb / 16P
Ultralow Offset Voltage Dual Op Amp
REV. C
AD708 AD-AD708_15 Datasheet
352Kb / 16P
Ultralow Offset Voltage Dual Op Amp
REV. C
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
130 V Maximum Offset Voltage
REV. A
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
150 V Maximum Offset Voltage Op Amp
REV. A
AD8677 AD-AD8677_16 Datasheet
358Kb / 17P
130 關V Maximum Offset Voltage Op Amp in TSOT
Rev. A
logo
STMicroelectronics
TSV7721 STMICROELECTRONICS-TSV7721 Datasheet
4Mb / 40P
High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
Rev 3 - May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com