Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL652-SC Datasheet(PDF) 39 Page - Laird Tech Smart Technology

Part # BL652-SC
Description  Input with active low logic. Internal pull down
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL652-SC Datasheet(HTML) 39 Page - Laird Tech Smart Technology

Back Button BL652-SC Datasheet HTML 35Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 36Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 37Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 38Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 39Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 40Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 41Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 42Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 43Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
BL652
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
39
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
An I2C interface allows multiple masters and slaves to communicate over a shared wired-OR type bus consisting
of two lines which normally sit at VCC. The BL652 module can only be configured as an I2C master with additional
constraint that it be the only master on the bus. The SCL is the clock line which is always sourced by the master
and SDA is a bi-directional data line which can be driven by any device on the bus.
IMPORTANT:
It is essential to remember that pull-up resistors on both SCL and SDA lines are not provided in
the module and MUST be provided external to the module.
Table 22: I2C interface
Signal Name
Pin No
I/O
Comments
I2C_SDA
37
I/O
This interface is an alternate function on each pin, configurable by
smartBASIC. I2COPEN() in smartBASIC selects I2C function.
I2C_SCL
36
I/O
General Purpose I/O, ADC, PWM and FREQ
5.9.1 GPIO
The 19 SIO pins are configurable by smartBASIC. They can be accessed individually. Each has the following user
configured features:
Input/output direction
Output drive strength (standard drive 0.5 mA or high drive 5mA)
Internal pull-up and pull-down resistors (13 K typical) or no pull-up/down
Wake-up from high or low level triggers on all pins including NFC pins
5.9.2 ADC
The ADC is an alternate function on SIO pins, configurable by smartBASIC.
The BL652 provides access to 8-channel 8/10/12-bit successive approximation ADC in one-shot mode. This
enables sampling up to 8 external signals through a front-end MUX. The ADC has configurable input and
reference pre-scaling and sample resolution (8, 10, and 12 bit).
5.9.2.1 Analog Interface (ADC)
Table 23: Analog interface
Signal Name
Pin No
I/O
Comments
AIN – Analog Input
20
I
This interface is an alternate function on each pin, configurable by
smartBASIC. AIN configuration selected using GpioSetFunc()
function.
Configurable 8, 10, 12 bit resolution.
Configurable voltage scaling 4, 2, 1/1, 1/3, 1/3, 1/4, 1/5,
1/6(default).
Configurable acquisition time 3uS, 5uS, 10uS(default), 15uS, 20uS,
40uS.
Full scale input range (VCC)
AIN – Analog Input
21
I
AIN – Analog Input
22
I
AIN – Analog Input
23
I
AIN – Analog Input
32
I
AIN – Analog Input
33
I
AIN – Analog Input
34
I
AIN – Analog Input
35
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com