Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3036 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # ZSSC3036
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3036 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button ZSSC3036 Datasheet HTML 35Page - Integrated Device Technology ZSSC3036 Datasheet HTML 36Page - Integrated Device Technology ZSSC3036 Datasheet HTML 37Page - Integrated Device Technology ZSSC3036 Datasheet HTML 38Page - Integrated Device Technology ZSSC3036 Datasheet HTML 39Page - Integrated Device Technology ZSSC3036 Datasheet HTML 40Page - Integrated Device Technology ZSSC3036 Datasheet HTML 41Page - Integrated Device Technology ZSSC3036 Datasheet HTML 42Page - Integrated Device Technology ZSSC3036 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
ZSSC3036 Datasheet
© 2016 Integrated Device Technology, Inc.
39
April 20, 2016
3.7.1.
Calibration Step 1 – Assigning Unique Identification
Assign a unique identification number to the ZSSC3036 by using the memory write command (40HEX + data and
41HEX + data; see Table 3.1 and Table 3.8) to write the identification number to Cust_ID0 at memory address
00HEX and Cust_ID1 at address 01HEX as described in section 3.6.1. These two 16-bit registers allow for more than
4 trillion unique devices.
3.7.2.
Calibration Step 2 – Data Collection
The number of unique points (measurand and/or temperature) at which calibration must be performed generally
depends on the requirements of the application and the behavior of the resistive bridge in use. The minimum
number of points required is equal to the number of bridge coefficients to be corrected with a minimum of three
different temperatures at three different bridge values. For a full calibration resulting in values for all 7 possible
bridge coefficients and 3 possible temperature coefficients, a minimum of 7 pairs of bridge with temperature
measurements must be collected.
Within this minimum 3x3 measurements field, data must be collected for the specific value pairs (at known
conditions) and then processed to calculate the coefficients. In order to obtain the potentially best and most robust
coefficients, it is recommended that measurement pairs (temperature vs. measurand) be collected at the outer
corners of the intended operation range or at least at points that are located far from each other. It is also
essential to provide highly precise reference values as nominal, expected values. The measurement precision of
the external calibration-measurement equipment should be ten times more accurate than the expected
ZSSC3036 output precision after calibration in order to avoid precision losses caused by the nominal reference
values (e.g., measurand signal and temperature deviations).
Note: An appropriate selection of measurement pairs can significantly improve the overall system performance.
The determination of the measurand-related coefficients will use all of the measurement pairs. For the
temperature-related correction coefficients, 3 (at three different temperatures) of the measurement pairs will be
used.
Note: There is an inherent redundancy in the 7 bridge-related and 3 temperature-related coefficients. Since the
temperature is a necessary output (which also needs correction), the temperature-related information is
mathematically separated, which supports faster and more efficient DSP calculations during the normal usage of
the sensor-IC system.
The recommended approach for data collection is to make use of the raw-measurement commands:
•
For bridge sensor values:
o
A2HEX + 0000HEX: single bridge measurement for which the configuration register will be loaded
from
the
BM_Config
register
(10HEX in MTP); preprogramming the
measurement setup in the MTP is required.
o
A3HEX + ssssHEX: single bridge measurement for which the BM_Config configuration register
(Gain, ADC, Offset, etc.) will be loaded as ssssHEX and must be provided
externally via the interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com