Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML60.242 Datasheet(PDF) 1 Page - PULS GmbH

Part # ML60.242
Description  24V, 2.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.242 Datasheet(HTML) 1 Page - PULS GmbH

  ML60.242 Datasheet HTML 1Page - PULS GmbH ML60.242 Datasheet HTML 2Page - PULS GmbH ML60.242 Datasheet HTML 3Page - PULS GmbH ML60.242 Datasheet HTML 4Page - PULS GmbH ML60.242 Datasheet HTML 5Page - PULS GmbH ML60.242 Datasheet HTML 6Page - PULS GmbH ML60.242 Datasheet HTML 7Page - PULS GmbH ML60.242 Datasheet HTML 8Page - PULS GmbH ML60.242 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ML60.242
MiniLine-2
24V, 2.5A, SINGLE PHASE INPUT
POWER SUPPLY
100-240V Wide Range Input
NEC Class 2 Compliant
Adjustable Output Voltage
Efficiency up to 90.4%
Low No-load Losses and Excellent Partial-load Efficiency
Compact Design, Width only 45mm
Electronic Inrush Current Limitation
Operation down to -40°C
Full Output Power up to +60°C
Large International Approval Package
3 Year Warranty
1/23
GENERAL DESCRIPTION
A compact size, light weight, simple mounting onto the
DIN-rail and the utilization of only quality components
are what makes the MiniLine power supplies so easy to
use and install within seconds.
A rugged electrical and mechanical design as well as a
high immunity against electrical disturbances on the
mains provides reliable output power. This offers
superior protection for equipment which is connected
to the public mains network or is exposed to a critical
industrial environment.
The MiniLine series offers output voltages from 5 to
56Vdc and a power rating from 15W to 120W.
The specialty of the ML60.242 is the electronic inrush
current limitation and the suitability for very low
ambient temperatures. The unit is fully specified down
to -40°C.
The supplementary MiniLine decoupling diode module
MLY10.241 allows building of redundant systems or to
protect against back-feeding voltages.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 - 28V
Output current
2.5A at 24V
2.1A at 28V
Output power
60W
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
AC 100-240V
-15% / +10%
Mains frequency
50-60Hz
±6%
AC Input current
1.05 / 0.66A
at 120 / 230Vac
Power factor
0.54 / 0.44
at 120 / 230Vac
AC Inrush current
typ. 6A
input voltage
and temperature
independent
DC Input
88-375Vdc
below 100Vdc
derating required
Efficiency
88.5 / 90.4%
at 120 / 230Vac
Losses
7.8 / 6.4W
at 120 / 230Vac
Temperature range -40°C to +70°C
operational
Derating
1.5W/°C
+60 to +70°C
Hold-up time
typ. 24 / 107ms
at 120 / 230Vac
Dimensions
45x75x91mm
WxHxD
Weight
250g / 0.55lb
ORDER NUMBERS
Power Supply
ML60.242
24-28V Standard unit
Accessory
MLY10.241
Redundancy Module
UF20.241
Buffer Module
ZM3.WALL
Wall mount bracket
MARKINGS
Ind. Cont. Eq. UL 508
UL 60950-1
Marine
Class I Div 2
NEC
Class 2
EMC, LVD
Nov. 2015 / Rev. 1.4 DS--ML60.242-EN
All parameters are specified at 24V, 2.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - ML60.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML60.241 PULS-ML60.241 Datasheet
661Kb / 23P
24V, 2.5A, SINGLE PHASE INPUT
More results

Similar Description - ML60.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
24V, 10A, SINGLE PHASE INPUT
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
24V, 10A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
24V, 20A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
24V, 10A, SINGLE PHASE INPUT
ML60.241 PULS-ML60.241 Datasheet
661Kb / 23P
24V, 2.5A, SINGLE PHASE INPUT
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
24V, 10A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241 Datasheet
967Kb / 27P
24V, 20A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
24V, 20A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com