Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML60.121 Datasheet(PDF) 23 Page - PULS GmbH

Part # ML60.121
Description  12V, 4.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.121 Datasheet(HTML) 23 Page - PULS GmbH

Back Button ML60.121 Datasheet HTML 15Page - PULS GmbH ML60.121 Datasheet HTML 16Page - PULS GmbH ML60.121 Datasheet HTML 17Page - PULS GmbH ML60.121 Datasheet HTML 18Page - PULS GmbH ML60.121 Datasheet HTML 19Page - PULS GmbH ML60.121 Datasheet HTML 20Page - PULS GmbH ML60.121 Datasheet HTML 21Page - PULS GmbH ML60.121 Datasheet HTML 22Page - PULS GmbH ML60.121 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
ML60.121
MiniLine-2
12V, 4.5A, SINGLE PHASE INPUT
Nov. 2015 / Rev. 1.4 DS--ML60.121-EN
All parameters are specified at 12V, 4.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
22.13.MOUNTING ORIENTATIONS
Mounting orientations other than input terminals on the bottom and output on the top require a reduction in
continuous output power or a limitation in the maximum allowed ambient temperature. The amount of reduction
influences the lifetime expectancy of the power supply. Therefore, two different derating curves for continuous
operation can be found below:
Curve A1
Recommended output current.
Curve A2
Max allowed output current (results in approximately half the lifetime expectancy of A1).
Fig. 22-7
Mounting
Orientation A
(Standard
orientation)
Power
Supply
OUTPUT
INPUT
Output Power
0
10
20
30
40
60°C
12
36
48
60W
50
A1
24
Ambient Temperature
Fig. 22-8
Mounting
Orientation B
(Upside down)
Output Power
0
10
20
30
40
60°C
12
36
48
60W
50
24
A1
A2
Ambient Temperature
Fig. 22-9
Mounting
Orientation C
(Table-top
mounting)
Output Power
0
10
20
30
40
60°C
12
36
48
60W
50
24
A1
A2
Ambient Temperature
Fig. 22-10
Mounting
Orientation D
(Horizontal cw)
Output Power
0
10
20
30
40
60°C
12
36
48
60W
50
24
A1
A2
Ambient Temperature
Fig. 22-11
Mounting
Orientation E
(Horizontal ccw)
Output Power
0
10
20
30
40
60°C
12
36
48
60W
50
24
A1
A2
Ambient Temperature
23/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com