Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD40NBT Datasheet(PDF) 9 Page - Laird Tech Smart Technology

Part # MSD40NBT
Description  Added PCM defaults
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MSD40NBT Datasheet(HTML) 9 Page - Laird Tech Smart Technology

Back Button MSD40NBT Datasheet HTML 5Page - Laird Tech Smart Technology MSD40NBT Datasheet HTML 6Page - Laird Tech Smart Technology MSD40NBT Datasheet HTML 7Page - Laird Tech Smart Technology MSD40NBT Datasheet HTML 8Page - Laird Tech Smart Technology MSD40NBT Datasheet HTML 9Page - Laird Tech Smart Technology MSD40NBT Datasheet HTML 10Page - Laird Tech Smart Technology MSD40NBT Datasheet HTML 11Page - Laird Tech Smart Technology MSD40NBT Datasheet HTML 12Page - Laird Tech Smart Technology MSD40NBT Datasheet HTML 13Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
MSD40NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
9
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Feature
Description
Bluetooth:
1 Mbps
TBD
2 Mbps
TBD
3 Mbps
TBD
Operating Systems Supported
Windows Mobile 6.5, 6.1, 6.0, 5.0
Windows Embedded CE 7.0, 6.0, 5.0
Linux, 2.6.x, 3.x.x kernel
Security
Standards
Wireless Equivalent Privacy (WEP)
Wi-Fi Protected Access (WPA)
IEEE 802.11i (WPA2)
Encryption
Wireless Equivalent Privacy (WEP, RC4 Algorithm)
Temporal Key Integrity Protocol (TKIP, RC4 Algorithm)
Advanced Encryption Standard (AES, Rijndael Algorithm)
Encryption Key Provisioning
Static (40-bit and 128-bit lengths)
Pre-Shared (PSK)
Dynamic
802.1X Extensible Authentication Protocol Types
EAP-FAST
EAP-TLS
EAP-TTLS
PEAP-GTC
PEAP-MSCHAPv2
PEAP-TLS
LEAP
Compliance
ETSI Regulatory Domain
EN 300 328 (Wi-Fi®)
EN 300 328 v1.7.1 (BT 2.1)
EN 301 489
EN 301 893
EN 60950-1
EU 2011/65/EU (RoHS)
FCC Regulatory Domain
FCC 15.247 DTS – 802.11b/g (Wi-Fi) – 2.4 GHz & 5.8 GHz
FCC 15.407 UNII – 802.11a (Wi-Fi) – 2.4 GHz & 5.4 GHz
FCC 15.247 DSS – BT 2.1
Industry Canada
RSS-210 – 802.11a/b/g/n (Wi-Fi) – 2.4 GHz, 5.8 GHz, 5.2 GHz, and 5.4 GHz
RSS-210 – BT 2.1
MIC (Japan) Regulatory Domain (formerly TELEC) (PENDING)
Article 2 Item 19, Category WW (2.4GHz Channels 1-13)
Article 2 Item 19-2, Category GZ (2.4GHz Channel 14)
Article 2 Item 19-3 Category XW (5150-5250 W52 & 5250-5350 W53)
Article 2-1 Item 19-2 (BT 2.1)
National Communications Commission
LP0002 (100-06-28) – Wi-Fi
LP0002 (100-06-28) - Bluetooth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com