Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9040 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9040
Description  Dual Lambda Sensor Interface Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9040 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM9040 Datasheet HTML 2Page - National Semiconductor (TI) LM9040 Datasheet HTML 3Page - National Semiconductor (TI) LM9040 Datasheet HTML 4Page - National Semiconductor (TI) LM9040 Datasheet HTML 5Page - National Semiconductor (TI) LM9040 Datasheet HTML 6Page - National Semiconductor (TI) LM9040 Datasheet HTML 7Page - National Semiconductor (TI) LM9040 Datasheet HTML 8Page - National Semiconductor (TI) LM9040 Datasheet HTML 9Page - National Semiconductor (TI) LM9040 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Common Mode Filtering (Continued)
For a common mode sine wave signal having a frequency
100 Hz and with a FCLOCK of 100 kHz the minimum com-
mon mode rejection would be
CMRR e 2
 314159  100  5E-6  453
CMRR e 0014 eb37 dB
If the common mode sine wave has a peak to peak value of
2V the maximum voltage error at the output would be
VOUT(CM) e 2V  0014 e 28 mV
As this formula shows the value of VOUT(CM) is proportional
to the frequency of the CMR signal If the frequency is dou-
bled the value of VOUT(CM) is also doubled The addition of
a small bypass capacitor (CCM) from the non-inverting input
to ground will help counter this problem See
Figure 6 How-
ever the use of this bypass capacitor creates a new prob-
lem in that the differential input is no longer balanced While
the Lambda sensor is cold (ie RSENSOR l 10 MegX) there
is little difference in CMR performance As the Lambda sen-
sor heats to the operating temperature and the sensor re-
sistance decreases the common mode signal is no longer
applied to both inputs equally
This imbalance causes
VOUT(CM) to increase as RSENSOR decreases as the non-
inverting input will see the full common mode signal while
the non-inverting input will see an attenuated common
mode signal
The selection of the value of the CMR bypass capacitor
needs to be balanced with the need for reasonable reduc-
tion or elimination of common mode signals with both cold
and hot sensors Since normal operation will need to in-
clude consideration of the entire impedance range of the
sensor a trade off in overall application performance may
be needed
Generally the value of the CMR bypass capacitor should be
kept as low as possible and should not be larger than the
differential input filter capacitor Values in the range of
0001 mF to 001 mF will usually provide reasonable CMR
results but optimum results will need to be determined em-
pirically as the source of common mode signals will be
unique to each application
Gain and Filter Stage
The signal gain and filter stage is designed to have a DC
gain of 453 VV with a cut-off frequency of typically
500 Hz The external 4 kX resistors on each input pin are in
series with the differential input impedance Together they
form a voltage divider circuit across the input such that the
net DC gain of the application circuit is 450 VV
TLH12372 – 17
FIGURE 7 Simplified Gain and Filter Circuit
The internal gain is set by the ratio of CIN and CFB
GAINDC e
CIN
CFB
GAINDC e
74213 pF
16383 pF
e
453 VV
The corner frequency (b3 dB) is set by the ratio of CFB and
CINT and by FCLOCK
FC e
FCLOCK  CFB
2
 q  CINT
FC e
1E5
 16383E-12
2
 314159  521E-12
e
500 Hz
TLH12372 – 18
FIGURE 8 Equivalent Gain and Filter Circuit
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com