Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML60.122 Datasheet(PDF) 1 Page - PULS GmbH

Part # ML60.122
Description  12V, 4.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.122 Datasheet(HTML) 1 Page - PULS GmbH

  ML60.122 Datasheet HTML 1Page - PULS GmbH ML60.122 Datasheet HTML 2Page - PULS GmbH ML60.122 Datasheet HTML 3Page - PULS GmbH ML60.122 Datasheet HTML 4Page - PULS GmbH ML60.122 Datasheet HTML 5Page - PULS GmbH ML60.122 Datasheet HTML 6Page - PULS GmbH ML60.122 Datasheet HTML 7Page - PULS GmbH ML60.122 Datasheet HTML 8Page - PULS GmbH ML60.122 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ML60.122
MiniLine-2
12V, 4.5A, SINGLE PHASE INPUT
POWER SUPPLY
100-240V Wide Range Input
NEC Class 2 Compliant
Adjustable Output Voltage
Efficiency up to 87.6%
Low No-load Losses and Excellent Partial-load Efficiency
Compact Design, Width only 45mm
Electronic Inrush Current Limitation
Operation down to -40°C
Full Output Power up to +60°C
Large International Approval Package
3 Year Warranty
1/23
GENERAL DESCRIPTION
A compact size, light weight, simple mounting onto the
DIN-rail and the utilization of only quality components
are what makes the MiniLine power supplies so easy to
use and install within seconds.
A rugged electrical and mechanical design as well as a
high immunity against electrical disturbances on the
mains provides reliable output power. This offers
superior protection for equipment which is connected
to the public mains network or is exposed to a critical
industrial environment.
The MiniLine series offers output voltages from 5 to
56Vdc and a power rating from 15W to 120W.
The specialty of the ML60.122 is the electronic inrush
current limitation and the suitability for very low
ambient temperatures. The unit is fully specified down
to -40°C.
The supplementary MiniLine decoupling diode module
MLY10.241 allows building of redundant systems or to
protect against back-feeding voltages.
SHORT-FORM DATA
Output voltage
DC 12V
Adjustment range
12 - 15V
Output current
4.5A at 12V
3.6A at 15V
Output power
54W
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
AC 100-240V
-15% / +10%
AC 100V mains
requires derating
Mains frequency
50-60Hz
±6%
AC Input current
0.97 / 0.61A
at 120 / 230Vac
Power factor
0.54 / 0.44
at 120 / 230Vac
AC Inrush current
typ. 6A
input voltage
and temperature
independent
DC Input
88-375Vdc
below 130Vdc
derating required
Efficiency
85.8 / 87.6%
at 120 / 230Vac
Losses
8.9 / 7.6W
at 120 / 230Vac
Temperature range -40°C to +70°C
operational
Derating
1.4W/°C
+60 to +70°C
Hold-up time
typ. 25 / 113ms
at 120 / 230Vac
Dimensions
45x75x91mm
WxHxD
Weight
250g / 0.55lb
ORDER NUMBERS
Power Supply
ML60.122
12-15V Standard unit
Accessory
MLY10.241
Redundancy Module
ZM3.WALL
Wall mount bracket
MARKINGS
Ind. Cont. Eq. UL 508
UL 60950-1
Marine
Class I Div 2
NEC
Class 2
EMC, LVD
Nov. 2015 / Rev. 1.4 DS--ML60.122-EN
All parameters are specified at 12V, 4.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - ML60.122

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML60.121 PULS-ML60.121 Datasheet
635Kb / 23P
12V, 4.5A, SINGLE PHASE INPUT
More results

Similar Description - ML60.122

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
SINGLE PHASE INPUT
CT5.121 PULS-CT5.121 Datasheet
574Kb / 21P
12V, 8A, TWO-PHASE INPUT
ML15.121 PULS-ML15.121 Datasheet
534Kb / 23P
12V, 1.3A, SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
SINGLE PHASE INPUT
ML60.121 PULS-ML60.121 Datasheet
635Kb / 23P
12V, 4.5A, SINGLE PHASE INPUT
QS10.121 PULS-QS10.121 Datasheet
779Kb / 26P
12V, 15A, SINGLE PHASE INPUT
CPS20.121 PULS-CPS20.121 Datasheet
718Kb / 26P
12V, 30A, SINGLE PHASE INPUT
CP10.121 PULS-CP10.121_17 Datasheet
969Kb / 28P
12V, 16A, 192W, SINGLE PHASE INPUT
logo
Rohm
RQ6A045AP ROHM-RQ6A045AP Datasheet
1Mb / 14P
 Pch -12V -4.5A Small Signal MOSFET
20170915 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com