Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952601YGLFT Datasheet(PDF) 22 Page - Integrated Circuit Systems

Part # ICS952601YGLFT
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952601YGLFT Datasheet(HTML) 22 Page - Integrated Circuit Systems

Back Button ICS952601YGLFT Datasheet HTML 16Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 17Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 18Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 19Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 20Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 21Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 22Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 23Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 24Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
Integrated
Circuit
Systems, Inc.
ICS952601
0701G—10/13/04
PCI_STOP Asserted
SRC_Stop = Tristate, SRC_Pwrdwn = Tristate
PCI_Stop#
1.8mS
PWRDWN#
PCI (Free Running)
CPU (Free Running)
CPU# (Free Running)
SRC (Stoppable)
SRC# (Stoppable)
Notes:
1. When SRC_Pwrdwn and SRC_Stop are set to tristate, the clock chip will tristate outputs during the assertion of PCI_Stop#
and PWRDWN#.
2. In the case that PCI_Stop# is de-asserted during the 1.8mS PWRDWN# de-assertion resume delay, the clock chip can
sample the PCI_Stop# high with the internal rising edges of CPU clock#. This will result in SRC clocks resuming
immediately after the 1.8mS window expires. This applies to all control register bit changes as well.
3. Tristate outputs are pulled low by output termination resistors as shown here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com