Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9070 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9070
Description  Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9070 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM9070 Datasheet HTML 1Page - National Semiconductor (TI) LM9070 Datasheet HTML 2Page - National Semiconductor (TI) LM9070 Datasheet HTML 3Page - National Semiconductor (TI) LM9070 Datasheet HTML 4Page - National Semiconductor (TI) LM9070 Datasheet HTML 5Page - National Semiconductor (TI) LM9070 Datasheet HTML 6Page - National Semiconductor (TI) LM9070 Datasheet HTML 7Page - National Semiconductor (TI) LM9070 Datasheet HTML 8Page - National Semiconductor (TI) LM9070 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
CC= 6V to 26V, −40˚C ≤ TA≤ 125˚C, unless otherwise specified. COUT=47 µFd with an
ESR < 3
Ω.C
IN= 1 µFd.
Symbol
Parameter
Conditions
Min
Max
Units
CONTROL LOGIC
V
KAhigh
High Input Threshold Voltage,
Keep-Alive Input
3.5V
≤ V
OUT ≤ 5.25V
0.6 V
OUT
0.8 V
OUT
V
V
ON/OFF low
Low Input Voltage, ON/OFF Input
Rseries = 1k
Ω
−2
2
V
V
ON/OFF high
High Input Voltage, ON/OFF Input
Rseries = 1k
Ω
426
V
I
ON/OFF
Input Current, ON/OFF Input
V
ON/OFF ≤ 4V
330
µA
4V < V
ON/OFF < 7V
670
µA
V
ON/OFF ≥ 7V
10
mA
Rpu
KA
Internal Pull-up Resistance,
Keep-Alive Input
0V
≤ V
IN ≤ 26V
20
100
k
Ω
Rpd
ON/OFF
Internal Pull-down Resistance
ON/OFF Input
0V
≤ V
ON/OFF ≤ 26V
50
210
k
Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and conditions, see the Electrical Characteristics.
Note 2: All pins will survive an ESD impulse of ±2000V using the human body model of 100 pF discharged through a 1.5 k
Ω resistor. In addition, input pins VIN and
the ON/OFF input will withstand ten pulses of ±12 kV from a 150 pF capacitor discharged through a 560
Ω resistor with each pin bypassed with a 22 nF, 100V ca-
pacitor.
Reset Operation and Protection Features
DS012831-5
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com