Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2156S Datasheet(PDF) 13 Page - International Rectifier

Part # IR2156S
Description  BALLAST CONTROL IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156S Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2156S Datasheet HTML 9Page - International Rectifier IR2156S Datasheet HTML 10Page - International Rectifier IR2156S Datasheet HTML 11Page - International Rectifier IR2156S Datasheet HTML 12Page - International Rectifier IR2156S Datasheet HTML 13Page - International Rectifier IR2156S Datasheet HTML 14Page - International Rectifier IR2156S Datasheet HTML 15Page - International Rectifier IR2156S Datasheet HTML 16Page - International Rectifier IR2156S Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
IR2156(S)&(PbF)
www.irf.com
13
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
10
10.5
11
11.5
12
12.5
13
VCC (V)
-25
25
75
125
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
8.5
9
9.5
10
10.5
VCC (V)
-25
25
75
125
40
45
50
55
60
65
70
-25
0
25
50
75
100
125
Temp°(C)
Graph 17. IQCC vs VCC vs Temperature (IR2156)
VCCUV+
Graph 18. IQCC vs VCC vs Temperature (IR2156)
VCCUV-
Graph 19. FOSC vs VCC vs Temperature (IR2156)
VCPH = 0V
Graph 20. FOSC vs Temperature (IR2156)
VCPH = 0V
54
54.5
55
55.5
56
56.5
57
57.5
58
58.5
11
12
13
14
VCC (V)
-25 C
75 C
125 C
25 C
o
o
o
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com