Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM420 Datasheet(PDF) 5 Page - Laird Tech Smart Technology

Part # BTM420
Description  Changes and Revisions
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM420 Datasheet(HTML) 5 Page - Laird Tech Smart Technology

  BTM420 Datasheet HTML 1Page - Laird Tech Smart Technology BTM420 Datasheet HTML 2Page - Laird Tech Smart Technology BTM420 Datasheet HTML 3Page - Laird Tech Smart Technology BTM420 Datasheet HTML 4Page - Laird Tech Smart Technology BTM420 Datasheet HTML 5Page - Laird Tech Smart Technology BTM420 Datasheet HTML 6Page - Laird Tech Smart Technology BTM420 Datasheet HTML 7Page - Laird Tech Smart Technology BTM420 Datasheet HTML 8Page - Laird Tech Smart Technology BTM420 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
BTM420/421
Bluetooth
® Data Module Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
5
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
2 SPECIFICATIONS
2.1 Detailed Specifications
Table 1: Detailed Specifications
Categories
Feature
Implementation
Wireless Specification
Bluetooth®
Version 2.1+EDR
Transmit Class
Class 2
Frequency
2.402 – 2.480 GHz
Channels
79 channels Frequency Hopping
Adaptive Frequency Hopping
Max Transmit Power
+4 dBm at antenna pad – BTM420
+4 dBmi (TBC) from integrated antenna –
BTM421
Receive Sensitivity
-84dBm
Range
30m
Data Transfer Rate
Up to 2.1 Mbps
Antenna Modes
External Antenna
50 Ohm matched SMT pad – BTM420
Integrated Antenna (option)
+0 dB multiplayer ceramic (TBC) – BTM421
USB Interface
Compliance
Version 1.1
Support
Version 2.0
Supply Voltage
3.1 V to 3.3 V
General Purpose
Interface
I/O
2 general purpose I.O pins for LEDs
Audio
Support
3 PCM Channels @ 64kbps
SCO Channels
Support SCO and eSCO
PCM Interface
Configurable as master or slave
8 bit A-law
8 bit µ-law
13 bit linear
PCM Clock available when in slave mode
Protocols and Firmware
Bluetooth Stack
V2.1 compliant
Connection Modes
Point to point (cable replacement)
Multipoint – max 7 slaves
Table 2: Detailed Specifications
Categories
Feature
Implementation
Current
Consumption
Data Transfer
Typically 32 mA
Low Power Sniff Mode
Less than 2.5 mA
Supply Voltage
Supply
3.0 V – 3.3 V DC
Coexistence /
Compatibility
WLAN (802.11)
2-wire and 3-wire hardware coexistence schemes supported
Connections
Interface
Surface Mount Pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com