Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3093M Datasheet(PDF) 18 Page - International Rectifier

Part # IR3093M
Description  3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3093M Datasheet(HTML) 18 Page - International Rectifier

Back Button IR3093M Datasheet HTML 14Page - International Rectifier IR3093M Datasheet HTML 15Page - International Rectifier IR3093M Datasheet HTML 16Page - International Rectifier IR3093M Datasheet HTML 17Page - International Rectifier IR3093M Datasheet HTML 18Page - International Rectifier IR3093M Datasheet HTML 19Page - International Rectifier IR3093M Datasheet HTML 20Page - International Rectifier IR3093M Datasheet HTML 21Page - International Rectifier IR3093M Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
IR3093
Page 18 of 39
07/15/04
AMD Opteron VID Table
VID_SEL Open. V(VDAC) is pre-
positioned 50mV higher than Vout
values listed below for load positioning.
Vout is measured at EAOUT with
ROSC=47K and a 1890 ohm resistor
connecting FB to EAOUT to cancel the
50mV pre-position offset.
AMD ATHLON VID Table
VIDSEL to VCC. V(VDAC) is pre-
positioned 50mV higher than Vout values
listed below for load positioning.
Vout is measured at EAOUT with
ROSC=47K and a 1890 ohm resistor
connecting FB to EAOUT to cancel the
50mV pre-position offset.
VID4 VID3 VID2 VID1 VID0 Vout
(V)
VID4 VID3 VID2 VID1 VID0
Vout
(V)
0
0
0
0
0
1.550
0
0
0
0
0
1.850
0
0
0
0
1
1.525
0
0
0
0
1
1.825
0
0
0
1
0
1.500
0
0
0
1
0
1.800
0
0
0
1
1
1.475
0
0
0
1
1
1.775
0
0
1
0
0
1.450
0
0
1
0
0
1.750
0
0
1
0
1
1.425
0
0
1
0
1
1.725
0
0
1
1
0
1.400
0
0
1
1
0
1.700
0
0
1
1
1
1.375
0
0
1
1
1
1.675
0
1
0
0
0
1.350
0
1
0
0
0
1.650
0
1
0
0
1
1.325
0
1
0
0
1
1.625
0
1
0
1
0
1.300
0
1
0
1
0
1.600
0
1
0
1
1
1.275
0
1
0
1
1
1.575
0
1
1
0
0
1.250
0
1
1
0
0
1.550
0
1
1
0
1
1.225
0
1
1
0
1
1.525
0
1
1
1
0
1.200
0
1
1
1
0
1.500
0
1
1
1
1
1.175
0
1
1
1
1
1.475
1
0
0
0
0
1.150
1
0
0
0
0
1.450
1
0
0
0
1
1.125
1
0
0
0
1
1.425
1
0
0
1
0
1.100
1
0
0
1
0
1.400
1
0
0
1
1
1.075
1
0
0
1
1
1.375
1
0
1
0
0
1.050
1
0
1
0
0
1.350
1
0
1
0
1
1.025
1
0
1
0
1
1.325
1
0
1
1
0
1.000
1
0
1
1
0
1.300
1
0
1
1
1
0.975
1
0
1
1
1
1.275
1
1
0
0
0
0.950
1
1
0
0
0
1.250
1
1
0
0
1
0.925
1
1
0
0
1
1.225
1
1
0
1
0
0.900
1
1
0
1
0
1.200
1
1
0
1
1
0.875
1
1
0
1
1
1.175
1
1
1
0
0
0.850
1
1
1
0
0
1.150
1
1
1
0
1
0.825
1
1
1
0
1
1.125
1
1
1
1
0
0.800
1
1
1
1
0
1.100
1
1
1
1
1
OFF4
1
1
1
1
1
OFF4
Note: 4 Output disabled (Fault mode)
Table 1 - Voltage Identification (VID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com