Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77301EVKIT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX77301EVKIT
Description  Enables Charging from a Micro-B USB Connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77301EVKIT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX77301EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX77301EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: MAX77301
MAX77301 Evaluation Kit
LED Indicators
UOK Status Output
UOK is an open-drain output that is pulled low when
the BUS input is inserted and adapter-type detection is
complete. In USB suspend mode, the UOK pin flashes
with a duty cycle of 50% for a duration of 1.5s. When
D+/D- open is detected and bit nENU_EN = 1, UOK
flashes with a duty cycle of 50% for a duration of 0.15s.
UOK is in high impedance if no adapter is detected.
The input UVLO/OVLO thresholds must be met prior to
adapter detect and UOK pin response. The UVLO/OVLO
thresholds are shown in Table 3.
CHG_TYPE Status Output
CHG_TYPE is an open-drain output that indicates the
type and current limit of the external power supply. The
pin is pulled low to indicate a 100mA USB 2.0 host with
device input-current limit (ILIM) ≤ 100mA. CHG_TYPE is
high impedance when the device input-current limit (ILIM)
is ≥ 500mA.
EXT_PWRON Output
EXT_PWRON is an active-low, open-drain output that is
pulled low after a valid external power supply is present.
If a valid power supply is not present, EXT_PWRON is in
high impedance.
The EXT_PWRON output can be connected to an exter-
nal device that controls power to external circuits, such
as an external p-channel MOSFET. If a valid adapter is
connected to the system while the battery is below the
VBAT_UVLO threshold, EXT_PWRON transitions from
high impedance to low when the adapter type is deter-
mined and UOK transitions from high to low impedance.
Charge Status Output (CHG_STAT)
CHG_STAT is an active-low, open-drain output indicat-
ing state-of-battery charging. A temperature or timer fault
changes the charge state of the CHG_STAT pin. See
Table 4 for CHG_STAT behaviors.
Interrupt Request Output (IRQ)
IRQ is an active-low, open-drain output that is pulled low
when an interrupt occurs. If an interrupt has occurred, the
event and status information is available in the EVENT_
and STATUS_ registers. Interrupts indicate temperature
and voltages as well as charge and timer fault conditions.
Events are triggered by a state change in the associated
register. The event registers are reset to the default condi-
tion when read by the I2C interface. When the EVENT_
registers are read in page mode, the IRQ is not released
until the last bit has been read. New interrupt events are
held until a complete read of all registers has occurred.
The interrupt mask bits located in register 0x07 disable
the output pin, maintaining a high-impedance state.
Table 3. UVLO/OVLO Thresholds
Table 4. CHG_STAT Indications
FOR
UVLO
OVLO
Initial BUS detection
4.0V (typ) rising
6.9V (typ) (VBUS rising)
USB 2.0 low power
3.9V (typ) falling
USB 2.0 high power, or when ILIM is not set to 111
4.1V (typ) falling
Adaptive (when ILIM is set to 111)
VSYS + 50mV (typ) falling
CHARGER STATUS
CHG_STAT BEHAVIOR
Charge in progress, low (continuous)
Charge in progress, low (continuous)
Charge suspend (due to temperature faults) pulses with 1.5s
duration and 50% duty cycle
Charge suspend (due to temperature faults) pulses with 1.5s
duration and 50% duty cycle
Charge suspend (due to temperature faults) pulses with 1.5s
duration and 50% duty cycle
Charge suspend (due to temperature faults) pulses with 1.5s
duration and 50% duty cycle
Timer fault pulses with 0.15s duration and 50% duty cycle
Timer fault pulses with 0.15s duration and 50% duty cycle
Charge done, high impedance
Charge done, high impedance
Battery removed pulses with 0.1s duration
10% to 20% duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com