Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC34710EWR2 Datasheet(PDF) 3 Page - Motorola, Inc

Part # PC34710EWR2
Description  Adjustable Dual Output Switching Power Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC34710EWR2 Datasheet(HTML) 3 Page - Motorola, Inc

  PC34710EWR2 Datasheet HTML 1Page - Motorola, Inc PC34710EWR2 Datasheet HTML 2Page - Motorola, Inc PC34710EWR2 Datasheet HTML 3Page - Motorola, Inc PC34710EWR2 Datasheet HTML 4Page - Motorola, Inc PC34710EWR2 Datasheet HTML 5Page - Motorola, Inc PC34710EWR2 Datasheet HTML 6Page - Motorola, Inc PC34710EWR2 Datasheet HTML 7Page - Motorola, Inc PC34710EWR2 Datasheet HTML 8Page - Motorola, Inc PC34710EWR2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
34710
3
TERMINAL FUNCTION DESCRIPTION
Terminal
Terminal
Name
Formal Name
Definition
1
RST
Reset
Reset input and output. This terminal is open drain.
2
3
4
MODE0
MODE1
MODE2
Mode Control
These input terminals control VI/O_OUT and VCORE output voltages.
5–12,
14–22
NC
No Connects
No internal connection to this terminal.
13
GND
Ground
Ground.
23, 24
VCORE
Core Voltage Regulator
Output
Core regulator output voltage.
25
LINB+
Core Voltage Regulator
Input
Core regulator input voltage.
26
VI/O_OUT
VI/O Switching Regulator
Feedback
Feedback terminal for VI/O switching regulator and internal logic supply.
27
VSWITCH
VI/O Switching Regulator
Switch Output
VI/O switching regulator switching output.
28
B+
Power Supply Input
Regulator input voltage.
29
Vb
Boost Voltage
Boost voltage storage node.
30
CP2
Switching Capacitor 2
Charge pump capacitor connection 2.
31
CP1
Switching Capacitor 1
Charge pump capacitor connection 1.
32
Ct
Reset Delay Capacitor
Reset delay adjustment capacitor.
Ct
1
B+
VSWITCH
VI/O_OUT
LINB+
VCORE
VCORE
NC
NC
NC
NC
NC
NC
Vb
CP1
CP2
RST
NC
NC
NC
NC
NC
NC
NC
NC
GND
NC
NC
NC
MODE2
MODE0
MODE1
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com