Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PISA11 Datasheet(PDF) 17 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 17 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 13Page - PULS GmbH PISA11 Datasheet HTML 14Page - PULS GmbH PISA11 Datasheet HTML 15Page - PULS GmbH PISA11 Datasheet HTML 16Page - PULS GmbH PISA11 Datasheet HTML 17Page - PULS GmbH PISA11 Datasheet HTML 18Page - PULS GmbH PISA11 Datasheet HTML 19Page - PULS GmbH PISA11 Datasheet HTML 20Page - PULS GmbH PISA11 Datasheet HTML 21Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
20. ENVIRONMENT
Operational temperature *)
-25°C to +70°C (-13°F to 158°F)
for PISA11.401, PISA11.402, PISA11.403
without de-rating
-25°C to +60°C (-13°F to 140°F)
for PISA11.404, PISA11.406, PISA11.410,
PISA11.203206, PISA11.206210 without de-
rating
Output de-rating
+60°C to +70°C (140°F to 158°F)
De-rate linearly to 15A between 60°C and
70°C for PISA11.404, PISA11.406, PISA11.410,
PISA11.203206, PISA11.206210,
see also Fig. 20-1
De-rate the output current equally between
the individual outputs.
Storage temperature
-40 to +85°C (-40°F to 185°F)
Humidity **)
5 to 95% r.H.
IEC 60068-2-30
Vibration sinusoidal ***)
2-17.8Hz: ±1.6mm; 17.8-500Hz: 2g
2 hours / axis
IEC 60068-2-6
Shock ***)
30g 6ms, 20g 11ms
3 bumps / direction, 18 bumps in total
IEC 60068-2-27
Altitude
0 to 6000m (0 to 20 000ft)
Over-voltage category
III
IEC 62103, EN 50178, altitudes up to 2000m
II
for altitudes from 2000m to 6000m
Degree of pollution
2
IEC 62103, EN 50178, not conductive
LABS compatibility
The unit does not release any silicone or other LABS-critical substances and is suitable for
use in paint shops.
*)
Operational temperature is the same as the ambient temperature and is defined as the air temperature 2cm below the unit.
**) Do not energize while condensation is present.
***) Tested in combination with DIN-Rails according to EN 60715 with a height of 15mm and a thickness of 1.3mm and standard mounting
orientation.
Fig. 20-1 Total module output current vs.
ambient temperature
Allowed Output Current (Sum of all output currents)
-25
0
20
40
70°C
60
0
5
10
15
20A
PISA11.404
PISA11.403
PISA11.402
PISA11.401
PISA11.203206
PISA11.406, PISA11.410, PISA11.206212
Ambient Temperature
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
17/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com