Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA83563 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # MGA83563
Description  22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA83563 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  MGA83563 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Thermal Resistance[2]:
θ
ch to c = 175°C/ W
Notes:
1. Operation of this device above any one
of these limits may cause permanent
damage.
2. T
C = 25°C (TC is defined to be the
temperature at the package pins where
contact is made to the circuit board).
MGA-83563 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
V
Maximum DC Supply Voltage
V
4
Pin
CW RF Input Power
dBm
+13
Tch
Channel Temperature
°C
165
TSTG
Storage Temperature
°C
-65 to 150
0
200
400
800
600
700
500
300
100
10
30
50
70
90
150
110
130
CASE TEMPERATURE (
°C)
Temperature/Power Derating Curve.
Figure 1. MGA-83563 Final Production Test Circuit.
Figure 2. MGA-83563 Test Circuit for Characterization.
RF
INPUT
1.2 nH
2.2 nH
18 nH
20 pF
3.0V
1 pF
50 pF
RF
OUTPUT
RF
INPUT
Circuit A: L1 = 2.2 nH for 0.1 to 3 GHz
Circuit B: L1 = 0 nH (capacitor as close as possible) for 3 to 6 GHz
L1
20 pF
Vd
RF
OUTPUT
Tuner
Tuner
Bias
Tee



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com