Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9072T Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9072T
Description  Dual Tracking Low-Dropout System Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9072T Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM9072T Datasheet HTML 7Page - National Semiconductor (TI) LM9072T Datasheet HTML 8Page - National Semiconductor (TI) LM9072T Datasheet HTML 9Page - National Semiconductor (TI) LM9072T Datasheet HTML 10Page - National Semiconductor (TI) LM9072T Datasheet HTML 11Page - National Semiconductor (TI) LM9072T Datasheet HTML 12Page - National Semiconductor (TI) LM9072T Datasheet HTML 13Page - National Semiconductor (TI) LM9072T Datasheet HTML 14Page - National Semiconductor (TI) LM9072T Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
Input Stability
Low dropout voltage regulators which utilize a PNP power
transistor usually exhibit a large increase in current when in
dropout (V
IN < 5.5V). This increase is caused by the satura-
tion characteristics (
β reduction) of the PNP transistor. To
significantly minimize this increase in current the LM9072
detects when the PNP enters saturation and reduces the op-
erating current.
This reduction in input current can create a stability problem
in applications with higher load current (> 200 mA) where
the input voltage is applied through a long length of wire
which in effect add a significant amount of inductance in se-
ries with the input. The drop in input current may create a
positive input voltage transient which may take the PNP out
of saturation. If the input voltage is held constant at the
threshold where the PNP is going in and out of saturation, an
oscillation may be created.
This is only observed where a large series inductance is
present in the input supply line and when the rise and fall
time of the input supply is very slow. If the application and re-
moval of the input voltage changes at a rate greater than
500 mV/ms it will move through the dropout region of the
regulator (V
IN of 3V to 5.5V) too quickly for an oscillation to
be established.
In the event that an oscillation is present, input bypassing
can also help de-tune the resonance.
Figure 7 illustrates two
input bypassing approaches. The straightforward addition of
a larger valued electrolytic capacitor could suffice. in this
case however, if reverse battery connections are a possibility
it is necessary to add a series protection diode as shown to
prevent damaging the polarized input capacitor.
An alternative input bypassing scheme is also shown. This
eliminates the use of polarized input capacitors and a series
protection diode. The values shown were derived empirically
in a representative typical application. Appropriate values for
any given application require experimentation.
DS012906-22
FIGURE 6. Safety Latch-OFF
DS012906-23
FIGURE 7. Input Bypassing
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com