Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9074 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9074
Description  System Voltage Regulator with Keep-Alive ON/OFF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9074 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9074 Datasheet HTML 1Page - National Semiconductor (TI) LM9074 Datasheet HTML 2Page - National Semiconductor (TI) LM9074 Datasheet HTML 3Page - National Semiconductor (TI) LM9074 Datasheet HTML 4Page - National Semiconductor (TI) LM9074 Datasheet HTML 5Page - National Semiconductor (TI) LM9074 Datasheet HTML 6Page - National Semiconductor (TI) LM9074 Datasheet HTML 7Page - National Semiconductor (TI) LM9074 Datasheet HTML 8Page - National Semiconductor (TI) LM9074 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM9074
System Voltage Regulator with Keep-Alive ON/OFF
Control
General Description
The LM9074 is a 5V, 3% accurate, 180 mA NPN voltage
regulator. The regulator features an active low delayed reset
output flag which can be used to reset a microprocessor sys-
tem on turn-ON and in the event that the regulator output
falls out of regulation for any reason. An external capacitor
programs a delay time interval before the reset output can
return high.
Designed for automotive application the LM9074 contains a
variety of protection features such as reverse battery,
over-voltage shutdown, thermal shutdown, input transient
protection and a wide operating temperature range.
A unique two-input logic control scheme is used to enable or
disable the regulator output. An ON/OFF input can be pro-
vided by an ignition switch derived signal while a second,
Keep-Alive input, is generated by a system controller. This
allows for a system to remain ON after ignition has been
switched OFF. The system controller can then execute a
power-down routine and after which command the regulator
OFF to a low quiescent current state (60 µA max).
Design techniques have been employed to allow the regula-
tor to remain operational and not generate false reset signals
when subjected to high levels of RF energy (300V/m from
2 MHz to 400 MHz).
Features
n
Automotive application reliability
n
3% output voltage tolerance
n
Insensitive to radiated RFI
n
Dropout voltage less than 2.5V with 180 mA output
current
n
Externally programmed reset delay interval
n
Keep-alive feature with 2 logic control inputs
n
60V Load dump transient protection
n
Thermal shutdown
n
Short circuit protection and disable safety features
n
Reverse battery protection
n
Low OFF quiescent current, 60 µA maximum
n
Wide operating temperature range −40˚C to +125˚C
Connection Diagrams and Ordering Information (Top View)
14-Pin SO Package
DS101305-2
Order Number LM9074M
See NS Package Number M14A
PRELIMINARY
January 2000
© 2000 National Semiconductor Corporation
DS101305
www.national.com


Similar Part No. - LM9074

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9074 TI1-LM9074 Datasheet
655Kb / 12P
System Voltage Regulator with Keep-Alive ON/OFF Control
LM9074EP TI1-LM9074EP Datasheet
318Kb / 14P
Enhanced Plastic System Voltage Regulator with Keep-Alive ON/OFF Control
LM9074M/NOPB TI1-LM9074M/NOPB Datasheet
655Kb / 12P
System Voltage Regulator with Keep-Alive ON/OFF Control
LM9074MEP TI1-LM9074MEP Datasheet
318Kb / 14P
Enhanced Plastic System Voltage Regulator with Keep-Alive ON/OFF Control
LM9074MX TI1-LM9074MX Datasheet
655Kb / 12P
System Voltage Regulator with Keep-Alive ON/OFF Control
More results

Similar Description - LM9074

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9070 NSC-LM9070 Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Texas Instruments
LM9074EP TI1-LM9074EP Datasheet
318Kb / 14P
Enhanced Plastic System Voltage Regulator with Keep-Alive ON/OFF Control
LM9074 TI1-LM9074 Datasheet
655Kb / 12P
System Voltage Regulator with Keep-Alive ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com