Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THC63LVDR84B Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THC63LVDR84B
Description  LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84B Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THC63LVDR84B_15 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDR84B_15 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDR84B_15 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDR84B_15 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDR84B_15 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84B_15 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84B_15 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84B_15 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84B_15 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright©2011 THine Electronics, Inc.
3/10
THine Electronics, Inc.
THC63LVDR84B_Rev.2.2_E
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Characteristics
CMOS/TTL DC SPECIFICATIONS
Vcc = VCC = PVCC = LVCC
LVDS RECEIVER DC SPECIFICATIONS
Vcc = VCC = PVCC = LVCC
Supply Voltage (VCC)
-0.3V ~ +4.0V
CMOS/TTL Input Voltage
-0.3V ~ (VCC + 0.3V)
CMOS/TTL Output Voltage
-0.3V ~ (VCC + 0.3V)
LVDS Receiver Input Voltage
-0.3V ~ (VCC + 0.3V)
Junction Temperature
+125
Storage Temperature Range
-55
~ +150
Reflow Peak Temperature / Time
+260
/ 10sec.
Maximum Power Dissipation @+25
1.9W
Parameter
Min.
Max.
Units
All Supply Voltage
2.5
3.6
V
Operating Ambient Temperature
-10
70
Clock Frequency
VCC=2.5V to 2.7V
20
70
MHz
VCC=2.7V to 3.0V
15
70
MHz
VCC=3.0V to 3.6V
15
85
MHz
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
VOH1
High Level Output Voltage
VCC= 3.0V ~ 3.6V
IOH = -4mA
2.4
V
VOL1
Low Level Output Voltage
VCC = 3.0V ~ 3.6V
IOL = 4mA
0.4
V
VOH2
High Level Output Voltage
VCC= 2.5V ~ 3.0V
IOH = -2mA
2.1
V
VOL2
Low Level Output Voltage
VCC = 2.5V ~ 3.0V
IOL = 2mA
0.4
V
IIN
Input Current
μA
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VTH
Differential Input High Threshold
VIC = +1.2V
100
mV
VTL
Differential Input Low Threshold
-100
mV
IIN
Input Current
VIN = +2.4V/0V
VCC = 3.6V
μA
°C
°C
°C
°C
°C
°C
0V
VIN
VCC
≤≤
10
±
10
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com