Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2290BML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2290BML
Description  2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2290BML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2290BML Datasheet HTML 4Page - Micrel Semiconductor MIC2290BML Datasheet HTML 5Page - Micrel Semiconductor MIC2290BML Datasheet HTML 6Page - Micrel Semiconductor MIC2290BML Datasheet HTML 7Page - Micrel Semiconductor MIC2290BML Datasheet HTML 8Page - Micrel Semiconductor MIC2290BML Datasheet HTML 9Page - Micrel Semiconductor MIC2290BML Datasheet HTML 10Page - Micrel Semiconductor MIC2290BML Datasheet HTML 11Page - Micrel Semiconductor MIC2290BML Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC2290
Micrel
M9999-081104
10
August 2004
Application Circuits
L1
4.7
µH
C2
10
µF
6.3V
R2
100k
R1
5.62k
MIC2290BML
VIN
VIN
3.3V
VOUT
5V @ 180mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2
µF
6.3V
C1
2.2
µF, 6.3V, 0805 X5R Ceramic Capacitor 08056D475MAT
AVX
C2
10
µF, 6.3V, 0805 X5R Ceramic Capacitor
08056D106MAT
AVX
L1
4.7
µH, 450mA Inductor
LQH32CN4R7N11
Murata
Figure 3. 3.3V
IN to 5VOUT @ 180mA
L1
10
µH
C2
10
µF
16V
R2
5k
R1
31.6k
MIC2290BML
VIN
VIN
3V to 4.2V
VOUT
9V @ 80mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2
µF
6.3V
C1
2.2
µF, 6.3V, 0603 X5R Ceramic Capacitor 06036D225MAT
AVX
C2
10
µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
L1
10
µH, 450mA Inductor
LQH32CN100K11
Murata
Figure 4. 3.3V
IN – 4.2VIN to 9VOUT @ 80mA
L1
10
µH
C2
10
µF
16V
R2
5k
R1
43.2k
MIC2290BML
VIN
VIN
3V to 4.2V
VOUT
12V @ 50mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2
µF
6.3V
C1
2.2
µF, 6.3V, 0603 X5R Ceramic Capacitor 06036D225MAT
AVX
C2
10
µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
L1
10
µH, 450mA Inductor
LQH32CN100K11
Murata
Figure 5. 3.3V
IN – 4.2VIN to 12VOUT @ 50mA
L1
10
µH
C2
10
µF
16V
R2
5k
R1
54.9k
MIC2290BML
VIN
VIN
3V to 4.2V
VOUT
15V @ 45mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2
µF
6.3V
C1
2.2
µF, 6.3V, 0603 X5R Ceramic Capacitor 06036D225MAT
AVX
C2
10
µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
L1
10
µH, 450mA Inductor
LQH32CN100K11
Murata
Figure 6. 3.3V
IN – 4.2VIN to 15VOUT @ 45mA
L1
10
µH
C2
10
µF
16V
R2
5k
R1
31.6k
MIC2290BML
VIN
VIN
5V
VOUT
9V @ 160mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2
µF
6.3V
C1
2.2
µF, 6.3V, 0603 X5R Ceramic Capacitor 06036D225MAT
AVX
C2
10
µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
L1
10
µH, 450mA Inductor
LQH32CN100K11
Murata
Figure 7. 5V
IN to 9VOUT @ 160mA
L1
10
µH
C2
10
µF
16V
R2
5k
R1
43.2k
MIC2290BML
VIN
VIN
5V
VOUT
12V @ 110mA
EN
SW
FB
GND
GND
OUT
GND
C1
2.2
µF
6.3V
C1
2.2
µF, 6.3V, 0603 X5R Ceramic Capacitor 06036D225MAT
AVX
C2
10
µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
L1
10
µH, 450mA Inductor
LQH32CN100K11
Murata
Figure 8. 5V
IN to 12VOUT @ 110mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com