Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4827BMM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4827BMM
Description  Low Input Voltage, 180VPP Output Voltage, EL Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4827BMM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4827BMM Datasheet HTML 1Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 2Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 3Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 4Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 5Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 6Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 7Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 8Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MIC4827
Micrel
MIC4827
4
September 2001
Typical Characteristics
0
10
20
30
40
50
60
01
23
45
6
INPUT VOLTAGE (V)
Total Input Current
vs. Input Voltage
R
SW
= 332k
R
EL
= 3.32M
R
SW
= 442k
R
EL
= 2M
R
SW
= 562k
R
EL
= 1M
Lamp = 2in2
L = 220
µH
C
OUT
= 0.1
µF
D = BAV20WS
0
10
20
30
40
50
60
70
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Total Input Current
vs. Temperature
R
SW = 332k
R
EL = 3.32M
R
SW =
442k
R
EL =
2M
R
SW = 562k
R
EL = 1M
V
IN
= 3.0V
Lamp = 2in
2
L = 220
µH
C
OUT = 0.1µF
D = BAV20WS
0
20
40
60
80
100
120
140
160
180
200
01
234
56
INPUT VOLTAGE (V)
R
SW = 442k
Output Voltage
vs. Input Voltage
R
SW = 332k
R
EL = 3.32M
R
SW = 562k
R
EL = 1M
Lamp = 2in2
L = 220
µH
C
OUT = 0.1µF
D = BAV20WS
R
EL = 2M
0
20
40
60
80
100
120
140
160
180
200
220
240
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
R
SW = 332k
R
EL = 3.32M
R
SW = 562k
R
EL = 1M
V
IN
= 3.0V
Lamp = 2in
2
L = 220
µH
C
OUT = 0.1µF
D = BAV20WS
R
SW = 442k
R
EL = 2M
30
40
50
60
70
80
90
100
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
CS Voltage
vs. Temperature
R
SW = 332k
R
EL = 3.32M
R
SW =
442k
R
EL =
2M
R
SW = 562k
R
EL = 1M
V
IN
= 4.0V
Lamp = 2in
2
L = 220
µH
C
OUT = 0.1µF
D = BAV20WS
0
1
2
3
4
5
6
7
123456
INPUT VOLTAGE (V)
Switch Resistance
vs. Input Voltage
10
100
1000
10000
0.1
1
10
EL RESISTOR (M
Ω)
EL Frequency
vs. EL Resistor
1
10
100
1000
100
1000
10000
SWITCH RESISTOR (k
Ω)
Switching Frequency
vs. Switch Resistor
0
20
40
60
80
100
120
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Switching Frequency
vs. Temperature
R
SW = 332k
V
IN = 3.0V
R
SW = 442k
R
SW = 562k
0
20
40
60
80
100
120
123456
INPUT VOLTAGE (V)
Switching Frequency
vs. Input Voltage
R
SW = 562k
R
SW = 442k
R
SW = 332k
0
10
20
30
40
50
60
70
80
90
100
01
234
56
INPUT VOLTAGE (V)
CS Voltage
vs. Input Voltage
R
SW = 332k
R
EL = 3.32M
R
SW = 442k
R
EL = 2M
R
SW = 562k
R
EL = 1M
Lamp = 2in2
L = 220
µH
C
OUT
= 0.1
µF
D = BAV20WS
0
50
100
150
200
250
300
350
400
123
456
INPUT VOLTAGE (V)
EL Frequency
vs. Input Voltage
R
EL = 1M
R
EL = 2M
R
EL = 3.32M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com