Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP7010 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KP7010
Description  High Reliability Digital Output IC Photo IC Photo Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP7010 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KP7010 Datasheet HTML 1Page - COSMO  Electronics Corporation KP7010 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
c 2004
cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
56
1. Anode
2. Cathode
3. NC
4. Vo
5. GND
6. Vcc
Features
1. High sensitivity.
2. TTL and LSTTL compatible output.
3. Operating supply voltage range.
(Vcc 4.5V to 17V)
4. Output form pull-up resistor built-in type.
5. Low output current dissipation.
(ICCL:MAX. 3.8mA)
6. High isolation voltage between input and output
(Viso:5000Vrms).
7. Available package : DIP/ SMD/ H. (For Package Dimension
please refer to page 82 )
Applications
1. Computer terminals.
2. High speed line receivers.
3. Interfaces with various data transmission equipment.
4. Switching regulators.
Absolute Maximum Ratings
(Ta=25
°C)
UL 1577 (File No.E169586)
TOLERANCE :+ 0.2mm
Schematic : Top View
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
10
mA
Peak forward current
IFM
1
Reverse voltage
VR
6
Power dissipation
PD
70
mW
Output
Supply voltage
VCC
-0.5 to 17
V
Output current
IO
50
mA
Power dissipation
PD
150
mW
Total power dissipation
Ptot
170
mW
Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-25 to +85
°C
Storage temperature
Tstg
-40 to +125
°C
Soldering temperature
Tsol
260
°C
Outside Dimension : Unit (mm)
KP7010
Electro-optical Characteristics
(Ta=25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF =10mA
—
1.2
1.4
V
Peak forward voltage
VFM
IFM =0.5A
—
—
3.5
V
Reverse current
IR
VR =4V
—
—
10
uA
Terminal capacitance
Ct
V=0, f=1kHz
—
30
—
pF
Output
Operating supply voltage
VCC
4.5
—
17
V
Low level output voltage
VOL
IOL =16mA, VCC =5V, IF =0
—
0.15
0.4
V
High level output voltage
VOH
VCC =5V, IF =4mA
3.5
—
—
V
Low level supply current
ICCL
VCC =5V, IF =0
—
1.7
3.8
mA
High level supply current
ICCH
VCC =5V, IF =1mA
—
0.7
2.2
mA
Transfer
"High-Low" Threshold input current
IFHL
VCC =5V, RL =280ohm
0.1
0.4
—
mA
charac-
" Low-High " Threshold input current
IFLH
VCC =5V, RL =280ohm
—
0.5
1.0
mA
teristics
Hysteresis
IFHL /IFLH
VCC =5V, RL =280ohm
—
0.8
—
—
Isolation resistance
Riso
Ta =25°C, DC500V
5x1010
1011
—
ohm
"High-Low" propagation delay time
tPHL
—5
15
" Low -High " propagation delay time
tPLH
Ta=25°C, VCC=5V,
—3
9
Fall time
tf
IF =1mA, RL =280ohm
—
0. 05
0. 5
us
Rise time
tr
—
0. 1
0.5
High Reliability Digital Output IC
Photo IC Photo Coupler
V
V


Similar Part No. - KP7010

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KP700A LUGUANG-KP700A Datasheet
3Mb / 4P
Phase control thyristor
More results

Similar Description - KP7010

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT22000 MARKTECH-MT22000 Datasheet
156Kb / 5P
PHOTO IC COUPLER
MT25300 MARKTECH-MT25300 Datasheet
211Kb / 7P
PHOTO IC COUPLER
MT26010 MARKTECH-MT26010 Datasheet
186Kb / 5P
PHOTO IC COUPLER?
MT26300 MARKTECH-MT26300 Datasheet
243Kb / 9P
PHOTO IC COUPLER?
MT6500 MARKTECH-MT6500 Datasheet
193Kb / 7P
PHOTO IC COUPLER
logo
COSMO Electronics Corp...
KP1020 COSMO-KP1020 Datasheet
327Kb / 2P
High Reliability Photo Coupler
KP6010 COSMO-KP6010 Datasheet
328Kb / 2P
High Reliability Photo Coupler
K1010 COSMO-K1010 Datasheet
263Kb / 2P
High Reliability Photo Coupler
KP7110 COSMO-KP7110 Datasheet
230Kb / 2P
High Reliability Digital Output IC Photo IC Photo Coupler
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
Photo-IC Sensors Digital Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com