Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82A6013-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 82A6013-2
Description  This specification sheet forms a part of the latest issue of Raychem Specification 80.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

82A6013-2 Datasheet(HTML) 2 Page - Tyco Electronics

  82A6013-2 Datasheet HTML 1Page - Tyco Electronics 82A6013-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATION CONTROL DRAWING Page 2 of 2
D
82A6013
Revision
SCD Number
WIRE RATINGS AND ADDITIONAL REQUIREMENTS
TEMPERATURE RATING: 200°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
CONCENTRICITY: 70% (minimum)
CROSSLINKING PROOF TEST: 300 ± 3°C for 7 hours
INSULATION ELONGATION AND TENSILE STRENGTH:
Elongation, 125% (minimum)
Tensile Strength, 3000 lbf/in² (minimum)
INSULATION FLAWS:
Primary Insulation,
Spark Test, 1.5 kV (rms) at 3 kHz
Impulse Dielectric Test, 6.0 kV (peak)
Finished Wire,
Spark Test, 3.0 kV (rms) at 3 kHz
Impulse Dielectric Test, 8.0 kV (peak)
INSULATION THICKNESS:
AWG 8-4: .008 in. (minimum) for primary insulation
.012 in. (minimum) for outer jacket
AWG 2: .010 in. (minimum) for primary insulation
.015 in. (minimum) for outer jacket
SECANT MODULUS: (Test per ASTM D 882)
4.0 x 104 lbf/in2 (maximum), 2% strain, 2 inch jaw separation, 0.2 inch/minute
SHRINKAGE: 200 ± 3°C for 6 hours, 0.25 in. (maximum) in 12 inches
VOLTAGE WITHSTAND (Post Environmental): 2500 volts (rms), 60 Hz
PRODUCT IDENTIFICATION: Braid shall be marked in a contrasting color at
12 inch (nominal) intervals as follows: “ 82A6013-AWG 06090 “
1
/ See footer section on page 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com