Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L468 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L468
Description  Dual HiPerFREDTM Epitaxial Diode in ISOPLUS i4-PACTM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L468 Datasheet(HTML) 1 Page - IXYS Corporation

  L468 Datasheet HTML 1Page - IXYS Corporation L468 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
1 - 2
V
RRM
= 2400 V
I
F(AV)M
= 55 A
t
rr
= 220 ns
Dual HiPerFREDTM
Epitaxial Diode
in ISOPLUS i4-PACTM
Advanced Technical Information
DSEE 55-24N1F
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions.
1
5
Features
• HiPerFREDTM Epitaxial Diodes
- fast and soft reverse recovery –
low switching losses
- avalanche rated
- low leakage current
• ISOPLUS i4-PACTM package
- isolated back surface
- low coupling capacity between pins
and heatsink
- enlarged creepage towards heatsink
- enlarged creepage between pins
- application friendly pinout
- high reliability
- industry standard outline
Applications
• rectifiers
- high frequency rectifiers, output
rectifiers of switched mode power
supplies
- mains rectifiers with minimized
emission of disturbances
• diodes in snubber networks
• high voltage diodes using the series
connection in the component
Rectifier Bridge
Symbol
Conditions
Maximum Ratings
V
RRM
2400
V
V
RRM
1200
V
I
FAV
T
C = 90°C; sine 180°
53
A
I
F(AV)M
T
C = 90°C; d = 0.5 rectangular
55
A
I
FSM
T
VJ = 25°C; t = 10 ms; sine 50 Hz
500
A
E
AS
I
AS = 16 A; LAS = 180 µH; TC = 25°C; non repetitive
28
mJ
P
tot
T
C = 25°C
(per diode)
200
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
F
I
F = 40 A; TVJ =
25°C
2.0
2.5
V
T
VJ = 125°C
1.5
V
I
R
V
R = VRRM; TVJ =
25°C
1
mA
T
VJ = 125°C
1
mA
I
RM
I
F = 75 A; diF /dt = -750 A/µs; TVJ = 125°C
79
A
t
rr
V
R = 600 V
220
ns
R
thJC
(per diode)
0.63 K/W
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
Diodes connected in series
3
1
3
5


Similar Part No. - L468

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L4601DW1T1 LRC-L4601DW1T1 Datasheet
158Kb / 3P
Silicon NPN Epitaxial Planer Transistor(Tr1), Silicon PNP Epitaxial Planer Transistor(Tr2)
logo
STMicroelectronics
L4620 STMICROELECTRONICS-L4620 Datasheet
61Kb / 9P
LIQUID LEVEL ALARM
Dec-1999
L465 STMICROELECTRONICS-L465 Datasheet
296Kb / 4P
LINEAR INTEGRATED CIRCUITS
L465A STMICROELECTRONICS-L465A Datasheet
296Kb / 4P
LINEAR INTEGRATED CIRCUITS
logo
Kingbright Corporation
L469EGW KINGBRIGHT-L469EGW Datasheet
146Kb / 5P
T-1 BI COLOR INDICATOR LAMPS
More results

Similar Description - L468

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L532 IXYS-L532 Datasheet
47Kb / 2P
IGBT phaseleg in ISOPLUS i4-PAC
IXFF24N100 IXYS-IXFF24N100 Datasheet
72Kb / 2P
HiPerFETTM Power Mosfet in High Voltage ISOPLUS I4-PACTM
FID36-06D IXYS-FID36-06D Datasheet
47Kb / 2P
IGBT Chopper in ISOPLUS i4-PACTM
FMM75-01F IXYS-FMM75-01F Datasheet
46Kb / 2P
HiPerFETTM Power MOSFET Phaseleg Topology in ISOPLUS i4-PACTM
FII30-12D IXYS-FII30-12D Datasheet
47Kb / 2P
Fast IGBT Chopper in ISOPLUS i4-PACTM
FUO22-12N IXYS-FUO22-12N Datasheet
32Kb / 2P
Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
FID35-06C IXYS-FID35-06C Datasheet
48Kb / 2P
Fast IGBT Chopper in ISOPLUS i4-PACTM
FUE30-12N1 IXYS-FUE30-12N1 Datasheet
66Kb / 3P
Fast Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
40N60SCD1 IXYS-40N60SCD1_03 Datasheet
37Kb / 2P
CoolMOS Power MOSFET with Series Schottky Diode and Ultra Fast Antiparallel Diode in High Voltage ISOPLUS i4-PACTM
FUS45-0045B IXYS-FUS45-0045B Datasheet
36Kb / 1P
Schottky Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com