Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM92CIM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM92CIM
Description  짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM92CIM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM92CIM Datasheet HTML 1Page - National Semiconductor (TI) LM92CIM Datasheet HTML 2Page - National Semiconductor (TI) LM92CIM Datasheet HTML 3Page - National Semiconductor (TI) LM92CIM Datasheet HTML 4Page - National Semiconductor (TI) LM92CIM Datasheet HTML 5Page - National Semiconductor (TI) LM92CIM Datasheet HTML 6Page - National Semiconductor (TI) LM92CIM Datasheet HTML 7Page - National Semiconductor (TI) LM92CIM Datasheet HTML 8Page - National Semiconductor (TI) LM92CIM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM92
±0.33˚C Accurate, 12-Bit + Sign Temperature Sensor and
Thermal Window Comparator with Two-Wire Interface
General Description
The LM92 is a digital temperature sensor and thermal win-
dow comparator with an I
2C™ Serial Bus interface and an
accuracy of ±0.33˚C. The window-comparator architecture
of the LM92 eases the design of temperature control sys-
tems. The open-drain Interrupt (INT) output becomes active
whenever temperature goes outside a programmable win-
dow,
while
a
separate
Critical
Temperature
Alarm
(T_CRIT_A) output becomes active when the temperature
exceeds a programmable critical limit. The INT output can
operate in either a comparator or event mode, while the
T_CRIT_A output operates in comparator mode only.
The host can program both the upper and lower limits of the
window as well as the critical temperature limit. Program-
mable hysterisis as well as a fault queue are available to
minimize false tripping. Two pins (A0, A1) are available for
address selection. The sensor powers up with default thresh-
olds of 2˚C T
HYST,
10˚C T
LOW,
64˚C T
HIGH,
and 80˚C
T_CRIT.
The LM92’s 2.7V to 5.5V supply voltage range, Serial Bus in-
terface, 12-bit + sign output, and full-scale range of over
128˚C make it ideal for a wide range of applications. These
include thermal management and protection applications in
personal computers, electronic test equipment, office elec-
tronics, automotive, medical and HVAC applications.
Features
n
Window comparison simplifies design of ACPI
compatible temperature monitoring and control.
n
Serial Bus interface
n
Separate open-drain outputs for Interrupt and Critical
Temperature shutdown
n
Shutdown mode to minimize power consumption
n
Up to 4 LM92s can be connected to a single bus
n
12-bit + sign output
n
Operation up to 150˚C
Key Specifications
n
Supply Voltage
2.7V to 5.5V
n
Supply Current
operating
350µA (typ)
625µA (max)
shutdown
5µA (typ)
n
Temperature
30˚C
±0.33˚C(max)
Accuracy
10˚C to 50˚C
±0.50˚C(max)
−10˚C to 85˚C
±1.0˚C(max)
125˚C
±1.25˚C(max)
−25˚C to 150˚C
±1.5˚C(max)
n
Linearity
±0.5˚C(max)
n
Resolution
0.0625˚C
Applications
n
HVAC
n
Medical Electronics
n
Electronic Test Equipment
n
System Thermal Management
n
Personal Computers
n
Office Electronics
n
Automotive
Simplified Block Diagram
I2C® is a registered trademark of Philips Corporation.
DS101051-1
March 2000
© 2000 National Semiconductor Corporation
DS101051
www.national.com


Similar Part No. - LM92CIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM92CIM NSC-LM92CIM Datasheet
808Kb / 17P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM92CIM TI-LM92CIM Datasheet
1Mb / 25P
0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
LM92CIM TI-LM92CIM Datasheet
1Mb / 25P
Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
LM92CIM TI2-LM92CIM Datasheet
1Mb / 28P
±0.33°C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
REVISED MARCH 2013
LM92CIM.A TI2-LM92CIM.A Datasheet
1Mb / 28P
±0.33°C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
REVISED MARCH 2013
More results

Similar Description - LM92CIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 NSC-LM77 Datasheet
373Kb / 17P
9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI1-LM76CHM-5 Datasheet
1Mb / 22P
LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77CIMMX-3 TI-LM77CIMMX-3 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
LM76 TI-LM76_15 Datasheet
1Mb / 22P
Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77_15 Datasheet
1Mb / 24P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com