Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIDAC Datasheet(PDF) 5 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SIDAC
Description  Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SIDAC Datasheet(HTML) 5 Page - Jinan Jing Heng Electronics Co., Ltd.

  SIDAC Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SIDAC Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SIDAC Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. SIDAC Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. SIDAC Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Electrical Specifications
FIG.12 Relaxation Oscillator Using a SIDAC
(a) Circuit
SIDAC
R
RL
VBO
(b) Waveforms
VC
IL
t
t
IL
VC
C
Rmax
Rmin
V-V
I
IN
BO
BO
V-V
I
IN
TM
H(MIN)
VV
DC(IN)
BO
INPUT
+
+
-
-
(See Note B)
R
=150
BB1
W
R =0.1
S
W
R
=100
BB2
W
V=0
BB2
V
=10V
BB1
V
=20V
CC
V
MONITOR
CE
I
MONITOR
C
TIP-47
100mH
0V
5V
0.63A
0
SIDAC VBO
COLLECTOR
VOLTAGE
VOLTAGE AND CURRENT WAVEFORMS
NOTE A
NOTE B
: Input pulse width is increased until I
=0.63A.
: Sidac (or Diac or series of diacs) chosen so that V
is just below V
rating of transistor to be protected. The Sidac (or Diac) eliminates a reverse breakdown
of the transistor in inductive switching circuits where otherwise the transistor could be destroyed.
CM
BO
CEO
TEST CIRCUIT
INPUT
VOLTAGE
T =3ms
(See Note A)
W
TW
100mS
COLLECTOR
CURRENT
VCE(sat)
10V
50
W
50
W
2N6127
(or equivalent)
FIG.13 SIDAC Added To Protect Transistor For Typical Transistor Inductive Load Switching Requirements
R
SEMICONDUCT OR
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
55
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com