Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL1 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CPL1
Description  Precise Temperature Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CPL1 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CPL1 Datasheet HTML 1Page - Laird Tech Smart Technology CPL1 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CP Series CP2,15,06,L1,W4.5
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FEATURES
• Precise Temperature Control
• Compact Geometric Sizes
• Reliable Solid State Operation
• No Sound or Vibration
• Environmentally Friendly
• DC Operation
• RoHS Compliant
APPLICATIONS
• Medical Lasers
• Lab Science Instrumentation
• Clinical Diagnostic Systems
• Photonics Laser Systems
• Electronic Enclosure Cooling
• Food & Beverage Cooling
• Chillers (Liquid Cooling)
The Ceramic Plate (CP) Series of Thermoelectric Modules (TEMs) is considered
‘the standard’ in the thermoelectric industry.
This broad product line of high-performance and highly reliable TEMs is available
in numerous heat pumping capacities, geometric shapes, and input power ranges.
Assembled with Bismuth Telluride semiconductor material and thermally conductive
Aluminum Oxide ceramics, the CP Series is designed for higher current and large
heat-pumping applications.
PERFORMANCE SPECIFICATIONS
Hot Side Temperature (°C)
25
50
Qmax (Watts)
14.4
15.8
Delta Tmax (°C)
67
75
Imax (Amps)
14.0
14.0
Vmax (Volts)
1.7
1.9
Module Resistance (Ohms)
0.11
0.13
SUFFIX THICKNESS
(PRIOR TO TINNING)
FLATNESS &
PARALLELISM
HOT
FACE
COLD
FACE
LEAD
LENGTH
L1
0.180” ± 0.001”
0.001” / 0.001”
Lapped
Lapped
4.5”
L2
0.180” ± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
4.5”
ML
0.186 ± 0.010”
0.002” / 0.002”
Metallized
Lapped
4.5”
LM
0.186 ± 0.010”
0.002” / 0.002”
Lapped
Metallized
4.5”
SUFFIX SEALANT COLOR TEMP RANGE DESCRIPTION
RT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
EP
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
SEALING OPTION


Similar Part No. - CPL1

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CPL100PD12 XPPOWER-CPL100PD12 Datasheet
189Kb / 4P
AC-DC Open Frame
CPL100PD24 XPPOWER-CPL100PD24 Datasheet
189Kb / 4P
AC-DC Open Frame
logo
ML Accessories Limited....
CPL12BC KNIGHTSBRIDGE-CPL12BC Datasheet
166Kb / 1P
CPL12 Brushed Chrome Bezel
23/04/2024
CPL12CT KNIGHTSBRIDGE-CPL12CT Datasheet
264Kb / 2P
230V 12W CCT Adj Circular LED Panel
23/04/2024
CPL12MB KNIGHTSBRIDGE-CPL12MB Datasheet
153Kb / 1P
CPL12 Matt Black Bezel
23/04/2024
More results

Similar Description - CPL1

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
Precise temperature control
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
Precise Temperature Control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com