Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RO8063 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # RO8063
Description  Outdoor 3G Radome Omni 4 dBi Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO8063 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  RO8063 Datasheet HTML 1Page - Pulse A Technitrol Company RO8063 Datasheet HTML 2Page - Pulse A Technitrol Company RO8063 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L123.B (06/11)
1
pulseelectronics.com/products/antennas
Outdoor 3G Radome Omni
4 dBi Antenna
Pulse Part Number RO8063/21704 Family
San Diego, CA 858 674 8100
Vancouver, WA 360 944 7551
Europe 49 7032 7806 0
Asia 86 755 33966678
North Asia 886 3 4356768
China 86 512 6807 9998
/
Pulse announces a new outdoor high gain radome omni
antenna for 3G operations. The frequency range covers
806-960 and 1710-2170 MHz with peak gain levels of 3 and
4.5 dBi delivered in the lower and higher frequency bands
respectively. The white Pultruded Fiberglass radome is
388 mm (15.3 inches) in height, UV protected and IP-67
rated. It has been tested to wind loading of 125 mph. The
antenna is designed for installation on a mast or external
wall using the FB2BRACKET or FB3BRACKET.
Key applications are femto cells, 3G repeaters and small
base stations. Given the frequency range covered by the
RO8063/21704, this antenna is also suitable for other
global cellular bands such as GPRS, EDGE, HSDPA, GSM,
UMTS.
Features
- Frequency Range 806-960/1710-2170 MHz
- Omni Directional with 4 dBi Gain
- UV Protected and IP-67 Rated
- RoHS Compliant Product
Applications
- 3G Repeaters
- Femto Cell
- Small Base Station
Part Number
Connector
RO8063/21704NM
N Male
RO8063/21704NF
N Female


Similar Part No. - RO8063

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
RO806/2170NM PULSE-RO806/2170NM Datasheet
503Kb / 3P
All NMO mount antennas listed in this catalog section require the NMOHF-style
RO8061 PULSE-RO8061 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 2 dBi Antenna
RO8061/21702NF PULSE-RO8061/21702NF Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 2 dBi Antenna
RO8061/21702NM PULSE-RO8061/21702NM Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 2 dBi Antenna
More results

Similar Description - RO8063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMB891203F21 ETC2-OMB891203F21 Datasheet
523Kb / 11P
3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB891205F21 ETC2-OMB891205F21 Datasheet
566Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Level One
OAN-2090 LVL1-OAN-2090 Datasheet
209Kb / 3P
9 dBi Omni Directional Indoor/ Outdoor Antenna Kit
logo
Pulse A Technitrol Comp...
RO8061 PULSE-RO8061 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 2 dBi Antenna
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
Radome Omni Antenna
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
Taoglas antenna solutio...
OMB891205F21 TAOGLAS-OMB891205F21 Datasheet
604Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB891203F21 TAOGLAS-OMB891203F21 Datasheet
523Kb / 11P
3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB.8912.05F21 TAOGLAS-OMB.8912.05F21_18 Datasheet
761Kb / 14P
Barracuda - 5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Pulse A Technitrol Comp...
RO600NFKIT PULSE-RO600NFKIT Datasheet
774Kb / 7P
Outdoor 5G/4G Radome Omni Dipole Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com