Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3475 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3475
Description  Hysteretic PFET Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3475 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3475 Datasheet HTML 6Page - National Semiconductor (TI) LM3475 Datasheet HTML 7Page - National Semiconductor (TI) LM3475 Datasheet HTML 8Page - National Semiconductor (TI) LM3475 Datasheet HTML 9Page - National Semiconductor (TI) LM3475 Datasheet HTML 10Page - National Semiconductor (TI) LM3475 Datasheet HTML 11Page - National Semiconductor (TI) LM3475 Datasheet HTML 12Page - National Semiconductor (TI) LM3475 Datasheet HTML 13Page - National Semiconductor (TI) LM3475 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Layout (Continued)
Bill of Materials
Designator
Description
Part Number
Vendor
C
IN
10µF, 16V, X5R
EMK325BJ106MN
TAIYO YUDEN
C
OUT
100µF, 6V, Ta
TPSY107M006R0100
AVX
C
FF
1nF, 25V, X7R
VJ1206Y102KXXA
Vishay
D1
Schottky, 20V, 2A
CMSH2-20L
Central Semiconductor
L1
10µH, 3.1A
CDRH103R100
Sumida
Q1
30V, 2.5A
Si2343
Vishay
R
FB2
1k
Ω, 0805, 1%
CRW08051001F
Vishay
R
FB1
2.15k
Ω, 0805, 1%
CRCW08052151F
Vishay
20070101
FIGURE 5.
20070106
FIGURE 6. Top Layer (Standard Board)
(2:1 Scale)
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com