Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5112 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5112
Description  Tiny 7A MOSFET Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5112 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5112 Datasheet HTML 1Page - National Semiconductor (TI) LM5112 Datasheet HTML 2Page - National Semiconductor (TI) LM5112 Datasheet HTML 3Page - National Semiconductor (TI) LM5112 Datasheet HTML 4Page - National Semiconductor (TI) LM5112 Datasheet HTML 5Page - National Semiconductor (TI) LM5112 Datasheet HTML 6Page - National Semiconductor (TI) LM5112 Datasheet HTML 7Page - National Semiconductor (TI) LM5112 Datasheet HTML 8Page - National Semiconductor (TI) LM5112 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Configurations
20066802
LLP-6
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM5112-SD
LLP-6
SDE06A
1000 shipped in Tape & Reel
LM5112-SDX
LLP-6
SDE06A
4500 shipped in Tape & Reel
Pin Description
Pin
Name
Description
Application Information
1
IN
Non-inverting input pin
TTL compatible thresholds. Pull up to V
CC when
not used
2V
EE
Power ground for driver outputs
Connect to either power ground or a negative
gate drive supply for positive or negative voltage
swing
3V
CC
Positive Supply voltage input
Locally decouple to V
EE. The decoupling capacitor
should be located close to the chip
4
OUT
Gate drive output
Capable of sourcing 3A and sinking 7A. Voltage
swing of this output is from V
EE to VCC
5
IN_REF
Ground reference for control
inputs
Connect to power ground (V
EE) for standard
positive only output voltage swing. Connect to
system logic ground when V
EE is connected to a
negative gate drive supply
6
INB
Inverting input pin
TTL compatible thresholds. Connect to IN_REF
when not used
- - -
Exposed
Pad
Exposed Pad, underside of LLP
package
Internally bonded to the die substrate. Connect to
V
EE ground pin for low thermal impedance
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com