Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6504MM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6504MM
Description  Wideband, Low Power, Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6504MM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMH6504MM Datasheet HTML 10Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 11Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 12Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 13Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 14Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 15Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 16Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 17Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application Information (Continued)
LMH6504 GAIN CONTROL FUNCTION
In the plot, Gain vs. V
G, we can see the gain as a function of
the control voltage. The “Gain (V/V)” plot, sometimes re-
ferred to as the S-curve, is the linear (V/V ) gain. This is a
hyperbolic tangent relationship and is given by Equation 3.
The “Gain (dB)” plots the gain in dB and is linear over a wide
range of gains. Because of this, the LMH6504 gain control is
referred to as “linear-in-dB.”
For applications where the LMH6504 will be used at the
heart of a closed loop AGC circuit, the S-curve control char-
acteristic provides a broad linear (in dB) control range with
soft limiting at the highest gains where large changes in
control voltage result in small changes in gain. For applica-
tions requiring a fully linear (in dB) control characteristic, use
the LMH6504 at half gain and below (V
G
≤ 1V).
AVOIDING OVERDRIVE OF THE LMH6504 GAIN
CONTROL INPUT
There is an additional requirement for the LMH6504 Gain
Control Input (V
G): VG must not exceed +2.3V (with ±5V
supplies). The gain control circuitry may saturate and the
gain may actually be reduced. In applications where V
G is
being driven from a DAC, this can easily be addressed in the
software. If there is a linear loop driving V
G, such as an AGC
loop, other methods of limiting the input voltage should be
implemented. One simple solution is to place a 2.2:1 resis-
tive divider on the V
G input. If the device driving this divider
is operating off of ±5V supplies as well, its output will not
exceed 5V and through the divider V
G can not exceed 2.3V.
IMPROVING THE LMH6504 LARGE SIGNAL
PERFORMANCE
Figure 4 illustrates an inverting gain scheme for the
LMH6504.
The input signal is applied through the R
G resistor. The VIN
pin should be grounded through a 25
Ω resistor. The maxi-
mum gain range of this configuration is given in the following
equation:
Eq. 5
The inverting slew rate of the LMH6504 is much higher than
that of the non-inverting slew rate. This 2X performance
improvement comes about because in the non-inverting con-
figuration, the slew rate of the overall amplifier is limited by
the input buffer. In the inverting circuit, the input buffer re-
mains at a fixed voltage and does not affect slew rate.
TRANSMISSION LINE MATCHING
One method for matching the characteristic impedance of a
transmission line is to place the appropriate resistor at the
input or output of the amplifier. Figure 5 shows a typical
circuit configuration for matching transmission lines.
The resistors R
S,RI,RO, and RT are equal to the character-
istic impedance, Z
O, of the transmission line or cable. Use
C
O to match the output transmission line over a greater
frequency range. It compensates for the increase of the op
amp’s output impedance with frequency.
MINIMIZING PARASITIC EFFECTS ON SMALL SIGNAL
BANDWIDTH
The best way to minimize parasitic effects is to use surface
mount components and to minimize lead lengths and com-
ponent distance from the LMH6504. For designs utilizing
through-hole components, specifically axial resistors, resis-
tor self-capacitance should be considered. Example: the
average magnitude of parasitic capacitance of RN55D 1%
metal film resistors is about 0.15 pF with variations of as
much as 0.1 pF between lots. Given the LMH6504’s ex-
tended bandwidth, these small parasitic reactance variations
can cause measurable frequency response variations in the
highest octave. We therefore recommend the use of surface
mount resistors to minimize these parasitic reactance ef-
fects.
RECOMMENDATIONS
Here are some recommendations to avoid problems and to
get the best performance:
•
Do not place a capacitor across R
F. However, an appro-
priately chosen series RC combination could be used to
shape the frequency response.
•
Keep traces connecting R
F separated and as short as
possible
•
Place a small resistor (20-50
Ω) between the output and
C
L
•
Cut away the ground plane, if any, under R
G
•
Keep decoupling capacitors as close as possible to the
LMH6504.
•
Connect pin 2 through a minimum resistance of 25
Ω.
ADJUSTING OFFSETS AND DC LEVEL SHIFTING
Offsets can be broken into two parts: an input-referred term
and an output-referred term. These errors can be trimmed
using the circuit in Figure 6. First set V
G to 0V and adjust the
20084354
FIGURE 4. Inverting Amplifier
20084356
FIGURE 5. TRANSMISSION LINE MATCHING
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com