Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4851-2WYRMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4851-2WYRMZ-R7
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-2WYRMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4851-2WYRMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J | Page 8 of 24
SPECIFICATIONS WITH ±5 V SUPPLY
TA = 25°C, RF = 0 Ω for G = +1, RF = 1 kΩ for G > +1, RL = 1 kΩ, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.1 V p-p
83
105
MHz
ADA4851-1W/2W/4W only: TMIN to TMAX
75
MHz
G = +1, VOUT = 1 V p-p
52
74
MHz
ADA4851-1W/2W/4W only: TMIN to TMAX
42
MHz
G = +2, VOUT = 2 V p-p, RL = 150 Ω
40
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 2 V p-p, RL = 150 Ω
11
MHz
Slew Rate
G = +2, VOUT = 7 V step
375
V/μs
G = +2, VOUT = 2 V step
190
V/μs
Settling Time to 0.1%
G = +2, VOUT = 2 V step, RL = 150 Ω
55
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion, HD2/HD3
fC = 1 MHz, VOUT = 2 V p-p, G = +1
−83/−107
dBc
Input Voltage Noise
f = 100 kHz
10
nV/√Hz
Input Current Noise
f = 100 kHz
2.5
pA/√Hz
Differential Gain
G = +2, NTSC, RL = 150 Ω, VOUT = 2 V p-p
0.08
%
Differential Phase
G = +2, NTSC, RL = 150 Ω, VOUT = 2 V p-p
0.09
Degrees
Crosstalk (RTI)—ADA4851-2/ADA4851-4
f = 5 MHz, G = +2, VOUT = 2.0 V p-p
−70/−60
dB
DC PERFORMANCE
Input Offset Voltage
0.6
3.5
mV
ADA4851-1W/2W/4W only: TMIN to TMAX
7.5
mV
Input Offset Voltage Drift
4
μV/°C
Input Bias Current
2.2
4.0
μA
ADA4851-1W/2W/4W only: TMIN to TMAX
4.5
μA
Input Bias Current Drift
6
nA/°C
Input Bias Offset Current
20
nA
Open-Loop Gain
VOUT = ±2.5 V
99
106
dB
ADA4851-1W/2W/4W only: TMIN to TMAX
90
dB
INPUT CHARACTERISTICS
Input Resistance
Differential/common-mode
0.5/5.0
Input Capacitance
1.2
pF
Input Common-Mode Voltage Range
−5.2 to +2.8
V
Input Overdrive Recovery Time (Rise/Fall)
VIN = ±6 V, G = +1
50/25
ns
Common-Mode Rejection Ratio
VCM = 0 V to −4 V
−90
−105
dB
ADA4851-1W/2W/4W only: TMIN to TMAX
−86
dB
POWER-DOWN—ADA4851-1 ONLY
Power-Down Input Voltage
Power-down
< −3.9
V
Power-up
> −3.4
V
Turn-Off Time
0.7
μs
Turn-On Time
30
ns
Power-Down Bias Current
Enabled
POWER DOWN = +5 V
100
130
μA
ADA4851-1W only: TMIN to TMAX
130
μA
Power-Down
POWER DOWN = −5 V
−50
−60
μA
ADA4851-1W only: TMIN to TMAX
−60
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com